Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFW4N150 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STFW4N150
Description  N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW4N150 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STFW4N150 Datasheet HTML 8Page - STMicroelectronics STFW4N150 Datasheet HTML 9Page - STMicroelectronics STFW4N150 Datasheet HTML 10Page - STMicroelectronics STFW4N150 Datasheet HTML 11Page - STMicroelectronics STFW4N150 Datasheet HTML 12Page - STMicroelectronics STFW4N150 Datasheet HTML 13Page - STMicroelectronics STFW4N150 Datasheet HTML 14Page - STMicroelectronics STFW4N150 Datasheet HTML 15Page - STMicroelectronics STFW4N150 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
STFV4N150 - STFW4N150 - STP4N150 - STW4N150
Revision history
15/16
5
Revision history
Table 8.
Document revision history
Date
Revision
Changes
29-Mar-2005
1
Initial release
07-Jul-2005
2
Removed TO-220FP
07-Oct-2005
3
Document status promoted from preliminary data to datasheet
10-Aug-2006
4
Document reformatted, no content change
06-Nov-2007
5
Updated unit on Table 5: On/off states
09-Apr-2008
6
Added new packages: TO-220FH, TO-3PF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com