Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP30NM30N Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP30NM30N
Description  N-channel 300V - 0.078廓 - 30A - TO-220 Ultra low gate charge MDmesh??II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP30NM30N Datasheet(HTML) 3 Page - STMicroelectronics

  STP30NM30N Datasheet HTML 1Page - STMicroelectronics STP30NM30N Datasheet HTML 2Page - STMicroelectronics STP30NM30N Datasheet HTML 3Page - STMicroelectronics STP30NM30N Datasheet HTML 4Page - STMicroelectronics STP30NM30N Datasheet HTML 5Page - STMicroelectronics STP30NM30N Datasheet HTML 6Page - STMicroelectronics STP30NM30N Datasheet HTML 7Page - STMicroelectronics STP30NM30N Datasheet HTML 8Page - STMicroelectronics STP30NM30N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STP30NM30N
Electrical ratings
3/12
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
300
V
VGS
Gate- source voltage
± 20
V
ID
Drain current (continuous) at TC = 25°C
30
A
ID
Drain current (continuous) at TC = 100°C
18.5
A
IDM
(1)
1.
ISD < 30A, di/dt < 400A/µs, VDD=80%V(BRDSS)
Drain current (pulsed)
120
A
PTOT
Total dissipation at TC = 25°C
160
W
Derating factor
1.28
W/°C
dv/dt
Peak diode recovery voltage slope
18
V/ns
Tj
Tstg
Operating junction temperature
Storage temperature
-65 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
0.78
°C/W
Rthj-amb Thermal resistance junction-ambient max
62.5
°C/W
Table 3.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
15
A
EAS
Single pulse avalanche energy
(starting Tj = 25°C, ID = IAR, VDD = 50V)
900
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com