| Electronic Components Datasheet Search |
|
TLE2142MFKB Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2142MFKB Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 72 page ![]() TLE214x, TLE214xA EXCALIBUR LOW NOISE HIGHSPEED PRECISION OPERATIONAL AMPLIFIERS SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006 32 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2141M electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLE2141M TLE2141AM UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 200 900 175 500 V VIO Input offset voltage Full range 1700 1200 µV VIO Temperature coefficient Full range 1.7 1.7 V/ °C αVIO Temperature coefficient of input offset voltage VIC = 0, RS = 50 Ω Full range 1.7 1.7 µV/°C IIO Input offset current VIC = 0, RS = 50 Ω 25 °C 7 100 7 100 nA IIO Input offset current Full range 250 250 nA IIB Input bias current 25 °C − 0.7 − 1.5 − 0.7 − 1.5 A IIB Input bias current Full range − 1.8 − 1.8 µA −15 − 15.3 −15 − 15.3 25 °C −15 to − 15.3 to −15 to − 15.3 to VICR Common-mode input RS = 50 Ω 25 C to 13 to 13.2 to 13 to 13.2 V VICR Common-mode input voltage range RS = 50 Ω −15 − 15.3 −15 − 15.3 V voltage range Full range −15 to − 15.3 to −15 to − 15.3 to Full range to 12.7 to 12.9 to 12.7 to 12.9 IO = − 150 µA 13.8 14.1 13.8 14.1 IO = − 1.5 mA 25 °C 13.7 14 13.7 14 VOM + Maximum positive peak IO = − 15 mA 25 C 13.1 13.7 13.1 13.7 V VOM + Maximum positive peak output voltage swing IO = − 100 µA 13.7 13.7 V output voltage swing IO = − 1 mA Full range 13.6 13.6 IO = − 10 mA Full range 13.1 13.1 IO = 150 µA − 14.7 − 14.9 − 14.7 − 14.9 IO = 1.5 mA 25 °C − 14.5 − 14.8 − 14.5 − 14.8 VOM − Maximum negative peak IO = 15 mA 25 C − 13.4 − 13.8 − 13.4 − 13.8 V VOM − Maximum negative peak output voltage swing IO = 100 µA − 14.6 − 14.6 V output voltage swing IO = 1 mA Full range − 14.5 − 14.5 IO = 10 mA Full range − 13.4 − 13.4 AVD Large-signal differential VO = ± 10 V, RL = 2 kΩ 25 °C 100 450 100 450 V/mV AVD Large-signal differential voltage amplification VO = ± 10 V, RL = 2 kΩ Full range 20 20 V/mV ri Input resistance 25 °C 65 65 M Ω ci Input capacitance 25 °C 2.5 2.5 pF zo Open-loop output impedance f = 1 MHz 25 °C 30 30 Ω CMRR Common-mode VIC = VICRmin, RS = 50 Ω 25 °C 85 108 85 108 dB CMRR Common-mode rejection ratio VIC = VICRmin, RS = 50 Ω Full range 80 80 dB kSVR Supply-voltage rejection VCC ± = ±2.5 V to ±15 V, 25 °C 90 106 90 106 dB kSVR Supply-voltage rejection ratio ( ∆VCC± /∆VIO) VCC ± = ±2.5 V to ±15 V, RS = 50 Ω Full range 85 85 dB IOS Short-circuit output VO = 0 VID = 1 V 25 °C −25 −50 −25 −50 mA IOS Short-circuit output current VO = 0 VID = − 1 V 25 °C 20 31 20 31 mA ICC Supply current VO = 0, No load, 25 °C 3.5 4.5 3.5 4.5 mA ICC Supply current VO = 0, VIC = 2.5 V No load, Full range 4.7 4.7 mA † Full range is − 55°C to 125°C. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |