Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7L09 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7L09
Description  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L09 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7L09 Datasheet HTML 8Page - STMicroelectronics ST7L09 Datasheet HTML 9Page - STMicroelectronics ST7L09 Datasheet HTML 10Page - STMicroelectronics ST7L09 Datasheet HTML 11Page - STMicroelectronics ST7L09 Datasheet HTML 12Page - STMicroelectronics ST7L09 Datasheet HTML 13Page - STMicroelectronics ST7L09 Datasheet HTML 14Page - STMicroelectronics ST7L09 Datasheet HTML 15Page - STMicroelectronics ST7L09 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 104 page
background image
ST7L05, ST7L09
12/104
4 FLASH PROGRAM MEMORY
4.1 INTRODUCTION
The ST7 single voltage extended Flash (XFlash) is
a non-volatile memory that can be electrically
erased and programmed either on a byte-by-byte
basis or up to 32 bytes in parallel.
The XFlash devices can be programmed off-board
(plugged in a programming tool) or on-board using
In-Circuit Programming or In-Application Program-
ming.
The array matrix organization allows each sector
to be erased and reprogrammed without affecting
other sectors.
4.2 MAIN FEATURES
ICP (In-Circuit Programming)
IAP (In-Application Programming)
ICT (In-Circuit Testing) for downloading and
executing user application test patterns in RAM
Sector 0 size configurable by option byte
Read-out and write protection
4.3 PROGRAMMING MODES
The ST7 can be programmed in three different
ways:
– Insertion in a programming tool. In this mode,
Flash sectors 0 and 1, option byte row and
data EEPROM can be programmed or
erased.
– In-Circuit Programming. In this mode, Flash
sectors 0 and 1, option byte row and data
EEPROM can be programmed or erased with-
out removing the device from the application
board.
– In-Application Programming. In this mode,
sector 1 and data EEPROM can be pro-
grammed or erased without removing the de-
vice from the application board and while the
application is running.
4.3.1 In-Circuit Programming (ICP)
ICP uses a protocol called ICC (In-Circuit Commu-
nication) which allows an ST7 plugged on a print-
ed circuit board (PCB) to communicate with an ex-
ternal programming device connected via cable.
ICP is performed in three steps:
1. Switch the ST7 to ICC mode (In-Circuit Com-
munications). This is done by driving a specific
signal sequence on the ICCCLK/DATA pins
while the RESET pin is pulled low. When the
ST7 enters ICC mode, it fetches a specific
RESET vector which points to the ST7 System
Memory containing the ICC protocol routine.
This routine enables the ST7 to receive bytes
from the ICC interface.
2. Download ICP Driver code in RAM from the
ICCDATA pin
3. Execute ICP Driver code in RAM to program
the Flash memory
Depending on the ICP Driver code downloaded in
RAM, Flash memory programming can be fully
customized (number of bytes to program, program
locations, or selection of the serial communication
interface for downloading).
4.3.2 In-Application Programming (IAP)
This mode uses an IAP Driver program previously
programmed in Sector 0 by the user (in ICP
mode).
This mode is fully controlled by user software, al-
lowing it to adapt to the user application, (such as
user-defined strategy for entering programming
mode, choice of communications protocol used to
fetch the data to be stored).
IAP mode is used to program any memory areas
except Sector 0, which is Write/Erase protected to
allow recovery in case errors occur during the pro-
gramming operation.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com