Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FL05Y0MB Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST7FL05Y0MB
Description  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL05Y0MB Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST7FL05Y0MB Datasheet HTML 96Page - STMicroelectronics ST7FL05Y0MB Datasheet HTML 97Page - STMicroelectronics ST7FL05Y0MB Datasheet HTML 98Page - STMicroelectronics ST7FL05Y0MB Datasheet HTML 99Page - STMicroelectronics ST7FL05Y0MB Datasheet HTML 100Page - STMicroelectronics ST7FL05Y0MB Datasheet HTML 101Page - STMicroelectronics ST7FL05Y0MB Datasheet HTML 102Page - STMicroelectronics ST7FL05Y0MB Datasheet HTML 103Page - STMicroelectronics ST7FL05Y0MB Datasheet HTML 104Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 100 / 104 page
background image
ST7L05, ST7L09
100/104
ST7L0x FASTROM MICROCONTROLLER OPTION LIST
(Last update: December 2006)
Customer
Address
Contact
Phone No
Reference FASTROM Code*:
*FASTROM code name is assigned by STMicroelectronics.
FASTROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option):
Warning: Addresses 1000h, 1001h, FFDEh and FFDFh are reserved areas for ST to program RCCR0 and
RCCR1 (see Section 7.1 on page 23).
Comments:
Supply operating range in the application: ........................................................................................................
Notes: ...............................................................................................................................................................
Date: .................................................................................................................................................................
Signature: .........................................................................................................................................................
Important note: Not all configurations are available. See Section 15.2 on page 96 for authorized option byte
combinations.
FASTROM DEVICE
1.5K
SO16:
[ ] ST7PL05
[ ] ST7PL09
Conditioning (check only one option): [ ] Tape & Reel
[ ] Tube
Special marking:
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ "
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
Maximum character count:
SO16 (11 char. max): _ _ _ _ _ _ _ _ _ _ _
Temperature range:
[ ] A (-40 to +85°C)
[ ] B (-40 to +105°C)
Clock Source Selection:
[ ] External Clock
[ ] Internal RC Oscillator
Sector 0 size:
[ ] 0.5K
[ ] 1K
[ ] 1.5K
Read-out Protection:
[ ] Disabled
[ ] Enabled
Flash Write Protection:
[ ] Disabled
[ ] Enabled
PLL:
[ ] Disabled
[ ] Enabled
Watchdog Selection:
[ ] Software Activation
[ ] Hardware Activation
Watchdog Reset on Halt:
[ ] Disabled
[ ] Enabled
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com