Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZIOL2201 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 46Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 47Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 48Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 49Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 50Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 51Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 52Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 53Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
50
April 26, 2016
Figure 3.18 Internal IC Sensors and related Overload and Over-Temperature Detection Circuits
1
AUX_LOCK Circuit
OVT_LOCK Circuit
s
r
A
VDD
A
VSS
High side current limit exceeded
Low side current limit exceeded
A
VDD
A
VSS
High side current limit exceeded
Low side current limit exceeded
COM_LOCK Circuit
s
r
COM_O
AUX_O
AUX_HS_OVL
COM_HS_OVL
COM_LS_OVL
AUX_LS_OVL
set
set
set
set
s
r
MON_STAT_OVT
MON_STAT_COM_LS_OVL
MON_STAT_COM_HS_OVL
MON_STAT_AUX_LS_OVL
MON_STAT_AUX_HS_OVL
MON_OVT_LOCK
MON_COM_LOCK
MON_AUX_LOCK
MON_STAT [20]
>S<
0
7
bit
reset
0
6
5
4
3
2
1
0
0
0
0
0
0
0
r
Die
Temperature
red
orange
yellow
green
DIE_TEMP
reserved
reserved
reserved
reserved
MON_DEVICE_TEMP [19]
>S<
0
7
bit
reset
0
6
5
4
3
2
1
0
0
0
0
0
0
0
r
DIE_TEMP
[3:0]
0b0000: blue
0b0001: green
0b0011: yellow
0b0111: orange
0b1111: red
OVER_TEMP
reserved
PRIMARY_MASTER_CH
EN_FOLLOW_PRIM_CH
MASTER_MODE
MASTER_SENS_CTRL [07]
>C<
0
7
bit
reset
0
6
5
4
3
2
1
0
0
0
0
0
0
1
r / w
set
Over-Temperature (OVT)
Master Mode Control
(data path switches)
1 The COM transmitter is only available inside the products ZIOL24xx/22xx and the AUX transmitter is only available inside the products
ZIOL24xx/22xx, respectively



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com