Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAP5SD-A-G1-R Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # SAP5SD-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SAP5SD-A-G1-R Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button SAP5SD-A-G1-R Datasheet HTML 43Page - Renesas Technology Corp SAP5SD-A-G1-R Datasheet HTML 44Page - Renesas Technology Corp SAP5SD-A-G1-R Datasheet HTML 45Page - Renesas Technology Corp SAP5SD-A-G1-R Datasheet HTML 46Page - Renesas Technology Corp SAP5SD-A-G1-R Datasheet HTML 47Page - Renesas Technology Corp SAP5SD-A-G1-R Datasheet HTML 48Page - Renesas Technology Corp SAP5SD-A-G1-R Datasheet HTML 49Page - Renesas Technology Corp SAP5SD-A-G1-R Datasheet HTML 50Page - Renesas Technology Corp SAP5SD-A-G1-R Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
47
January 28, 2016
If the Communication Watchdog detects a No Data Exchange status, it takes the following actions:
It concurrently generates the Data and Parameter Strobe signals at the DSTBn and PSTBn pins with
timing according to Figure 5.3 and Figure 5.2 respectively. NOTE: At this time, the data and parameter
output values still comply with the values received with the last DEXG and WPAR master call,
respectively.
After the DSTBn and PSTBn strobe generation has finished, the Communication Watchdog invokes an
unconditioned SAP5 reset. It sets the Data_Exchange_Disable flag and afterwards starts the SAP5
initialization procedure, switching all Data and Parameter Outputs inactive.
In order to resume normal Data Port communication after a Watchdog SAP5 Reset, the Data_Exchange_Disable
flag must be cleared again. Therefore, the master must send a WPAR request again before the Data Port
communication can be re-established. This ensures new parameter setup of any connected external circuitry.
The state until the Data_Exchange_Disable flag returns to ‘0’ is signaled by a certain LED1 and LED2 status
indication (refer to section 5.11).
5.18. Safety Mode (SAP5S only)
The Safety Mode is active as soon as the EEPROM flag Safety_Mode_Enable is set to ‘1’ (logic high). Thus, it is
basically independent of the slave profile; whereas the assignment of the 3-level-input pins discussed below to
either the Data or Parameter Port depends on the IO_Code as described in Table 5.15.
Furthermore, in order to fulfill specific security requirements, the Safety Mode is not combinable with any of the
following SAP5 features:
Delay Mode (section 5.8.2)
Synchronous Data I/O Mode (section 5.8.3)
Ext_Addr_4I/4O_Mode (section 5.8.4)
P0 Watchdog Activation (section 5.17)
The Safety Mode of the SAP5 is of relevance to the actions following an DEXG master request. Instead of the
regular input data provided at the data ports, a 4-bit data word from a specific 8
∗ 4 bit code table as described in
the third-party document Specification of safe AS-i transmission (see section 9.2) is transmitted to the master.
Cycling the code table is used to transmit another data word with each DEXG master call.
In order to meet specific safety requirements, the data words transmitted to the master pass through a special
pre-processing. Therefore, the code table stored within the Safety Area of the EEPROM (refer to Table 4.4) does
not match the reference code table as specified in the Specification of Safe AS-i Transmission but is derived from
a special coding scheme as described in Table 5.23. See the requirements below the table for the explanation of
the asterisks in the table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com