| Electronic Components Datasheet Search |
|
SAP5SD-B-G1-R Datasheet(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SAP5SD-B-G1-R Datasheet(HTML) 30 Page - Renesas Technology Corp |
|
30 / 67 page ![]() SAP51 / SAP5S Datasheet © 2016 Integrated Device Technology, Inc. 30 January 28, 2016 5.6. AS-i Transmitter Figure 5.1 Basic Receiver Comparator Threshold Set-up Principles First negative pulse of the AS-i telegram VLSIGon VLSIGon = (0.45 to 0.55) ∗ VSIG / 2 DC level VSIG / 2 The IC determines the amplitude of the first negative pulse of the AS-i telegram. This amplitude is asserted to be VSIG / 2. The transmitter draws a modulated current between LTGP and LTGN to generate the communication signals. The shape of the current corresponds to the integral of a sin 2-function. The transmitter comprises a current DAC and a high-current driver. The driver requires a small bias current to flow. The bias current is ramped up slowly for a specific time before the transmission starts so that any false voltage pulses on the AS-i line are avoided. When the transmitter is turned on, the receiver is turned off to reduce the power consumption. The SAP5 includes a Clock Watchdog that becomes activated once the clock signal is stopped for approximately 100µs to 150µs so that the transmitter is prevented from being permanently switched on in case the clock signal is missing. Table 5.8 Transmitter Current Amplitude PARAMETER SYMBOL MIN MAX UNIT Modulated transmitter peak current swing (between LTGP and LTGN) ISIG 55 68 mAP 5.7. Parameter Port and PSTBn The parameter port is always configured for continuous bi-directional operation. However, if IO_Code=7HEX (see Table 5.14), the parameter ports will return to high impedance state immediately after a WPAR request because they act as data input ports or safety data ports for a subsequent DEXG master call. Every pin contains an NMOS open-drain output driver plus a high-voltage, high-impedance digital input stage. Received parameter output data is stored in the Parameter Output Register and subsequently forwarded to the open-drain output drivers. A specific time (tPI-latch) after new output data has arrived at the port, the corresponding inputs are sampled. Due to the open-drain of the output driver, the input value results from a wired AND combination of the parameter output value and such signals driven to the port by external sources. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |