Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1201 Datasheet(PDF) 7 Page - Eorex Corporation

Part # EP1201
Description  250mA Ultra Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1201 Datasheet(HTML) 7 Page - Eorex Corporation

  EP1201 Datasheet HTML 1Page - Eorex Corporation EP1201 Datasheet HTML 2Page - Eorex Corporation EP1201 Datasheet HTML 3Page - Eorex Corporation EP1201 Datasheet HTML 4Page - Eorex Corporation EP1201 Datasheet HTML 5Page - Eorex Corporation EP1201 Datasheet HTML 6Page - Eorex Corporation EP1201 Datasheet HTML 7Page - Eorex Corporation EP1201 Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
eorex
EP1201
Jul. 2006
www.eorex.com
7/8
Marking Information
Appendix
Identification Code
Part Number
VOUT
BB
EP1201
1.5V
BC
EP1201
1.8V
BD
EP1201
2.5V
BE
EP1201
2.8V
BF
EP1201
3.3V
Date Code Convention
Year
2005 2006 2007 2008 2009 2010 2011 2012 2013 2014
Mark
5
6
7
8
9
0
1
2
3
4
Year
2015 2016 2017 2018 2019 2020 2021 2022 2023 2024
Y
Mark
A
B
C
D
E
F
G
H
J
K
Week
1
2
3
4
5
6
7
8
9
10
Mark
1
2
3
4
5
6
7
8
9
a
Week
11
12
13
14
15
16
17
18
19
20
Mark
b
c
d
e
f
g
h
i
j
k
Week
21
22
23
24
25
26
27
28
29
30
Mark
m
n
p
q
r
s
t
u
v
w
Week
31
32
33
34
35
36
37
38
39
40
Mark
x
y
z
A
B
C
D
E
F
G
Week
41
42
43
44
45
46
47
48
49
50
Mark
H
J
K
L
M
N
P
Q
R
S
Week
51
52
W
Mark
T
U



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com