Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1084 Datasheet(PDF) 3 Page - Eorex Corporation

Part # EP1084
Description  5A Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1084 Datasheet(HTML) 3 Page - Eorex Corporation

  EP1084 Datasheet HTML 1Page - Eorex Corporation EP1084 Datasheet HTML 2Page - Eorex Corporation EP1084 Datasheet HTML 3Page - Eorex Corporation EP1084 Datasheet HTML 4Page - Eorex Corporation EP1084 Datasheet HTML 5Page - Eorex Corporation EP1084 Datasheet HTML 6Page - Eorex Corporation EP1084 Datasheet HTML 7Page - Eorex Corporation EP1084 Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
eorex
EP1084
Jul. 2006
www.eorex.com
3/8
Electrical Characteristics
(Under operating conditions)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VREF
Reference Voltage
TJ=25°C, IOUT=10mA,
(VIN -VOUT) =1.5V
1.225
1.250
1.275
V
EP1084-adj
TJ=25°C, IOUT=10mA,
VOUT +1.5V<VIN<12V
0.2
%
EP1084-15
TJ=25°C, IOUT=10mA,
3V
≤VIN≤12V
1.470
1.500
1.530
EP1084-18
TJ=25°C, IOUT=10mA,
3.3V
≤VIN≤12V
1.764
1.800
1.836
EP1084-25
TJ=25°C, IOUT=10mA,
4V
≤VIN≤12V
2.450
2.500
2.550
EP1084-33
TJ=25°C, IOUT=10mA,
4.8V
≤VIN≤12V
3.235
3.300
3.365
REGLINE
Line
Regulation
EP1084-50
TJ=25°C, IOUT=10mA,
6.5V
≤VIN≤12V
4.900
5.000
5.100
V
EP1084-adj
TJ=25°C, VIN=3.3V,
0mA<IOUT<5A
(Note1, 2)
1
%
EP1084-15
TJ=25°C, VIN=3V,
0mA<IOUT<5A
(Note1, 2)
12
15
EP1084-18
TJ=25°C, VIN=3.3V,
0mA<IOUT<5A
(Note1, 2)
15
18
EP1084-25
TJ=25°C, VIN=4V,
0mA<IOUT<5A
(Note1, 2)
20
25
EP1084-33
TJ=25°C, VIN=5V,
0mA<IOUT<5A
(Note1, 2)
26
33
REGLOAD
Load
Regulation
EP1084-50
TJ=25°C, VIN=8V,
0mA<IOUT<5A
(Note1, 2)
45
50
mV
VD
Dropout Voltage
IOUT=5A(∆VOUT=1%VOUT)
1.3
1.4
V
ILIMIT
Current Limit
(VIN -VOUT)=5V
5.1
A
IO
Minimum Load Current
5
10
mA
TS
Temperature Stability
IOUT=10mA
0.5
%
TO-252
98
θJA
Thermal
Resistance
TO-263
Junction-to-Ambient (No
heat sink ;No air flow)
83
°C/W
TO-252
10
θJC
Thermal
Resistance
TO-263
Junction-to-Case
(Control circuitry/Power
transistor)
0.65/2.7
°C/W
Note 1:
See thermal regulation specifications for changes in output voltage due to heating effects. Line and
load regulation are measured at a constant junction temperature by low duty cycle pulse testing.
Load regulation is measured at the output lead = 1/18” from the package.
Note 2:
Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power
dissipation is determined by the difference between input and output and the output current.
Guaranteed maximum power dissipation will not be available over the full input/output range.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com