Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27W101 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27W101
Description  1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W101 Datasheet(HTML) 1 Page - STMicroelectronics

  M27W101 Datasheet HTML 1Page - STMicroelectronics M27W101 Datasheet HTML 2Page - STMicroelectronics M27W101 Datasheet HTML 3Page - STMicroelectronics M27W101 Datasheet HTML 4Page - STMicroelectronics M27W101 Datasheet HTML 5Page - STMicroelectronics M27W101 Datasheet HTML 6Page - STMicroelectronics M27W101 Datasheet HTML 7Page - STMicroelectronics M27W101 Datasheet HTML 8Page - STMicroelectronics M27W101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
April 2000
M27W101
1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
s
2.7V to 3.6V LOW VOLTAGE in READ
OPERATION
s
ACCESS TIME:
–70ns at VCC = 3.0V to 3.6V
–80ns at VCC = 2.7V to 3.6V
s
PIN COMPATIBLE with M27C1001
s
LOW POWER CONSUMPTION:
– Active Current 15mA at 5MHz
– Standby Current 15
µA
s
PROGRAMMING TIME 100
µs/byte
s
HIGH RELIABILITY CMOS TECHNOLOGY
– 2,000V ESD Protection
– 200mA Latchup Protection Immunity
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: 05h
DESCRIPTION
The M27W101 is a low voltage 1 Mbit EPROM of-
fered in two range UV (ultra violet erase) and OTP
(one time programmable). It is ideally suited for mi-
croprocessor systems requiring large data or pro-
gram storage and is organized as 131,072 by 8
bits.
The M27W101 operates in the read mode with a
supply voltage as low as 2.7V at –40 to 85
°Ctem-
perature range.
The decrease in operating power allows either a
reduction of the size of the battery or an increase
in the time between battery recharges.
The FDIP32W (window ceramic frit-seal package)
has a transparent lid which allows the user to ex-
pose the chip to ultraviolet light to erase the bit pat-
tern. A new pattern can then be written to the
device by following the programming procedure.
For application where the content is programmed
only one time and erasure is not required, the
M27W101 is offered in PDIP32, PLCC32 and
TSOP32 (8 x 20 mm) packages.
Figure 1. Logic Diagram
AI01587
17
A0-A16
P
Q0-Q7
VPP
VCC
M27W101
G
E
VSS
8
1
32
32
1
FDIP32W (F)
PDIP32 (B)
PLCC32 (K)
TSOP32 (N)
8 x 20 mm


Similar Part No. - M27W101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W101 STMICROELECTRONICS-M27W101 Datasheet
211Kb / 23P
1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27W101-100B6TR STMICROELECTRONICS-M27W101-100B6TR Datasheet
211Kb / 23P
1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27W101-100F6TR STMICROELECTRONICS-M27W101-100F6TR Datasheet
211Kb / 23P
1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27W101-100K6TR STMICROELECTRONICS-M27W101-100K6TR Datasheet
211Kb / 23P
1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27W101-100N6TR STMICROELECTRONICS-M27W101-100N6TR Datasheet
211Kb / 23P
1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
More results

Similar Description - M27W101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
1 Mbit 128Kb x8 UV EPROM and OTP EPROM
04-Jun-2002
M27V101 STMICROELECTRONICS-M27V101 Datasheet
104Kb / 15P
1 Mbit (128Kb x 8) Low Voltage UV EPROM and OTP EPROM
May-1998
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
M27V801 STMICROELECTRONICS-M27V801 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
May-1998
M27W102 STMICROELECTRONICS-M27W102 Datasheet
104Kb / 15P
1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM
04-Apr-2000
M27W202 STMICROELECTRONICS-M27W202 Datasheet
103Kb / 15P
2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM
19-Apr-2000
M27W801 STMICROELECTRONICS-M27W801 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
21-Apr-2000
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
2 Mbit (128Kb x16) UV EPROM and OTP EPROM
Apr-1999
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
22-May-2006
M27W101 STMICROELECTRONICS-M27W101_06 Datasheet
211Kb / 23P
1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com