Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2240 Datasheet(PDF) 1 Page - VISATON GmbH & Co. KG

Part # 2240
Description  Fullrange Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISATON [VISATON GmbH & Co. KG]
Direct Link  https://www.visaton.de/en
Logo VISATON - VISATON GmbH & Co. KG

2240 Datasheet(HTML) 1 Page - VISATON GmbH & Co. KG

  2240 Datasheet HTML 1Page - VISATON GmbH & Co. KG 2240 Datasheet HTML 2Page - VISATON GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Breitband-Systeme / Fullrange Systems
03.06.2013
VISATON GmbH • Ohligser Straße 29-31 • D-42781 Haan • Tel.: 02129/552-0 • Fax 02129/552-10 • E-Mail: visaton@visaton.com
BF 45 - 4 Ohm
Art. No. 2240
4,5 cm (1,8") Breitbandlautsprecher mit Aluminium-Membran und transparentem Kunststoffkorb mit zwei Befestigungslöchern. Ausgewogener
und sehr gute Tieftonwiedergabe. Geeignet für Anwendungen, die zugleich geringe Abmessungen und gute Musik- und
Frequenzgang
Sprachwiedergabe fordern.
4.5 cm (1.8") fullrange speaker with aluminium diaphragm and transparent plastic basket with two mounting holes. Balanced frequency
and very good low range reproduction. Suitable for applications where slim construction and good music and speech reproduction are
response
requested.


Similar Part No. - 2240

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2240 POMONA-2240 Datasheet
25Kb / 1P
Alligator Clip To Banana Jack With Flex Boot
logo
List of Unclassifed Man...
2240 ETC2-2240 Datasheet
567Kb / 3P
Microwave Absorber Microwave Absorber
logo
Heyco.
2240 HEYCO-2240 Datasheet
106Kb / 1P
Snap Bushings
logo
Mascot AS
2240 MASCOT-2240 Datasheet
3Mb / 7P
1,3 A max out • 90-264 VAC input
Sep 17 2022
2240 MASCOT-2240 Datasheet
1Mb / 1P
Mounting brackets
20062008
More results

Similar Description - 2240

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP050-DAAN2 FSP-FSP050-DAAN2 Datasheet
143Kb / 1P
IPC systems, Embedded systems
FSP050-DGAA5 FSP-FSP050-DGAA5 Datasheet
109Kb / 1P
IPC systems, C ommunication systems, Embedded systems, POE systems
FSP050-DIBAN2 FSP-FSP050-DIBAN2 Datasheet
143Kb / 1P
IPC systems, Embedded systems
FSP084-DIBAN2 FSP-FSP084-DIBAN2 Datasheet
92Kb / 1P
IPC systems, Embedded systems
FSP090-DIEBN2 FSP-FSP090-DIEBN2 Datasheet
239Kb / 1P
AIO systems, PC systems, Mini-ITX systems, Embedded systems
FSP150-ABAN2 FSP-FSP150-ABAN2 Datasheet
137Kb / 1P
AIO systems, PC systems, Mini-ITX systems
FSP150-ABBN2 FSP-FSP150-ABBN2 Datasheet
137Kb / 1P
AIO systems, PC systems, Mini-ITX systems
FSP150-AHAN2 FSP-FSP150-AHAN2 Datasheet
119Kb / 1P
IPC systems, Embedded systems, Printers, POS systems
FSP150-AHBN2 FSP-FSP150-AHBN2 Datasheet
114Kb / 1P
IPC systems, Embedded systems, Printers, POS systems
FSP180-AHAN2 FSP-FSP180-AHAN2 Datasheet
99Kb / 1P
IPC systems, embedded systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com