Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77C032A Datasheet(PDF) 21 Page - Winbond

Part # W77C032A
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C032A Datasheet(HTML) 21 Page - Winbond

Back Button W77C032A Datasheet HTML 17Page - Winbond W77C032A Datasheet HTML 18Page - Winbond W77C032A Datasheet HTML 19Page - Winbond W77C032A Datasheet HTML 20Page - Winbond W77C032A Datasheet HTML 21Page - Winbond W77C032A Datasheet HTML 22Page - Winbond W77C032A Datasheet HTML 23Page - Winbond W77C032A Datasheet HTML 24Page - Winbond W77C032A Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 21 -
Revision A8
SBUF1.7-0: Serial data of the serial port 1 is read from or written to this location. It actually consists of
two separate 8-bit registers. One is the receive resister, and the other is the transmit
buffer. Any read access gets data from the receive data buffer, while write accesses are
to the transmit data buffer.
ROMMAP
Bit:
7
6
5
4
3
2
1
0
WS
1
-
-
-
-
-
-
Mnemonic: ROMMAP
Address: C2h
WS:
Wait State Signal Enable. Setting this bit enables the WAIT signal on P4.0. The
device will sample the wait state control signal WAIT via P4.0 during MOVX
instruction. This bit is time access protected
Power Management Register
Bit:
7
6
5
4
3
2
1
0
CD1
CD0
SWB
-
XTOFF
ALE-OFF
-
DME0
Mnemonic: PMR
Address: C4h
CD1, CD0: Clock Divide Control. These bit selects the number of clocks required to generate one
machine cycle. There are three modes including divide by 4, 64 or 1024. Switching
between modes must first go back devide by 4 mode. For instance, to go from 64 to 1024
clocks/machine cycle the device must first go from 64 to 4 clocks/machine cycle, and then
from 4 to 1024 clocks/machine cycle.
CD1,
CD0
Clocks/machine cycle
0
0
Reserved
0
1
4
1
0
64
1
1
1024
SWB:
Switchback Enable. Setting this bit allows an enabled external interrupt or serial port activity
to force the CD1,CD0 to divide by 4 state (0,1). The device will switch modes at the start of
the jump to interrupt service routine while a external interrupt is enabled and actually
recongnized by microcontroller. While a serial port reception, the switchback occurs at the
start of the instruction following the falling edge of the start bit.
XTOFF: Crystal Oscillator Disable. Setting this bit disables the external crystal oscillator. This bit can
only be set to 1 while the microcontroller is operating from the RC oscillator. Clearing this bit
restarts the crystal oscillator, the XTUP (STATUS.4) bit will be set after crystal oscillator
warmed-up has completed.
ALEOFF: This bit disables the expression of the ALE signal on the device pin during all on-board
program and data memory accesses. External memory accesses will automatically enable
ALE independent of ALEOFF.
0 = ALE expression is enable;
1 = ALE expression is disable
DME0:
This bit determines the on-chip MOVX SRAM to be enabled or disabled.
Set this bit to 1 will enable the on-chip 1KB MOVX SRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com