Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT125 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT125
Description  QUAD BUS BUFFER (3-STATE)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT125 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT125 Datasheet HTML 1Page - STMicroelectronics M74HCT125 Datasheet HTML 2Page - STMicroelectronics M74HCT125 Datasheet HTML 3Page - STMicroelectronics M74HCT125 Datasheet HTML 4Page - STMicroelectronics M74HCT125 Datasheet HTML 5Page - STMicroelectronics M74HCT125 Datasheet HTML 6Page - STMicroelectronics M74HCT125 Datasheet HTML 7Page - STMicroelectronics M74HCT125 Datasheet HTML 8Page - STMicroelectronics M74HCT125 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
August 2001
s
HIGH SPEED:
tPD = 13ns (TYP.) at VCC = 4.5V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS :
VIH = 2V (MIN.) VIL = 0.8V (MAX)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 6mA (MIN)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 125
DESCRIPTION
The M74HCT125 is an high speed CMOS QUAD
BUFFER (3-STATE) fabricated with silicon gate
C2MOS technology.
The device requires the 3-STATE control input G
to be set high to place the output in to the high
impedance state.
The M74HCT125 is designed to directly interface
HSC2MOS
systems
with
TTL
and
NMOS
components.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HCT125
QUAD BUS BUFFER (3-STATE)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HCT125B1R
SOP
M74HCT125M1R
M74HCT125RM13TR
TSSOP
M74HCT125TTR
TSSOP
DIP
SOP


Similar Part No. - M74HCT125

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT125B1R STMICROELECTRONICS-M74HCT125B1R Datasheet
254Kb / 10P
QUAD BUS BUFFERS 3-STATE
Oct-1993
M74HCT125B1R STMICROELECTRONICS-M74HCT125B1R Datasheet
178Kb / 9P
QUAD BUS BUFFER (3-STATE)
Aug-2001
M74HCT125C1R STMICROELECTRONICS-M74HCT125C1R Datasheet
254Kb / 10P
QUAD BUS BUFFERS 3-STATE
Oct-1993
M74HCT125M1R STMICROELECTRONICS-M74HCT125M1R Datasheet
254Kb / 10P
QUAD BUS BUFFERS 3-STATE
Oct-1993
M74HCT125M1R STMICROELECTRONICS-M74HCT125M1R Datasheet
178Kb / 9P
QUAD BUS BUFFER (3-STATE)
Aug-2001
More results

Similar Description - M74HCT125

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
Quad. Bus Buffer Gates (with 3-state outputs)
HD74LV126A HITACHI-HD74LV126A Datasheet
58Kb / 14P
Quad. Bus Buffer Gates with 3-state Outputs
logo
STMicroelectronics
M74HC126 STMICROELECTRONICS-M74HC126 Datasheet
184Kb / 10P
QUAD BUS BUFFER (3-STATE)
August 2001
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
117Kb / 9P
RAD-HARD QUAD BUS BUFFER (3-STATE)
Mar-2004
M74HCT125B1R STMICROELECTRONICS-M74HCT125B1R Datasheet
178Kb / 9P
QUAD BUS BUFFER (3-STATE)
Aug-2001
M74HCT126 STMICROELECTRONICS-M74HCT126 Datasheet
171Kb / 9P
QUAD BUS BUFFER (3-STATE)
Aug-2001
M74HC125 STMICROELECTRONICS-M74HC125_01 Datasheet
179Kb / 10P
QUAD BUS BUFFER (3-STATE)
Aug-2001
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
Quad. Bus Buffer Gates with 3-state Outputs
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
Quad. Bus Buffer Gates with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com