Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDI404SIA-16 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXDI404SIA-16
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI404SIA-16 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IXDI404SIA-16 Datasheet HTML 2Page - IXYS Corporation IXDI404SIA-16 Datasheet HTML 3Page - IXYS Corporation IXDI404SIA-16 Datasheet HTML 4Page - IXYS Corporation IXDI404SIA-16 Datasheet HTML 5Page - IXYS Corporation IXDI404SIA-16 Datasheet HTML 6Page - IXYS Corporation IXDI404SIA-16 Datasheet HTML 7Page - IXYS Corporation IXDI404SIA-16 Datasheet HTML 8Page - IXYS Corporation IXDI404SIA-16 Datasheet HTML 9Page - IXYS Corporation IXDI404SIA-16 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
IXDN404 / IXDI404 / IXDF404
Output Fall Times vs. LoadCapacitance
0
10
20
30
40
50
60
70
80
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
LoadCapacitance(pF)
8V
10V
12V
18V
25V
35V
Fall Times vs. Supply Voltage
0
10
20
30
40
50
60
70
80
5
1015
20
2530
35
Supply Voltage (V)
200pF
1000pF
1800pF
4700pF
6800pF
10000pF
Rise Times vs. Supply Voltage
0
10
20
30
40
50
60
70
80
5
1015
2025
3035
Supply Voltage (V)
200pF
1000pF
1800pF
4700pF
6800pF
10000pF
Output RiseTimes vs. LoadCapacitance
0
10
20
30
40
50
60
70
80
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
LoadCapacitance(pF)
8V
10V
12V
18V
25V
35V
Rise And Fall Times vs. Temperature
CL = 1000pF, Vcc = 18V
0
2
4
6
8
10
12
14
-60
-10
40
90
140
190
Temperature (C)
tF
tR
Typical Performance Characteristics
Fig. 5
Fig. 6
Fig. 7
Fig. 8
Fig. 9
Fig. 10
Max / Min Input vs. Temperature
CL = 1000pF, Vcc = 18V
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
-60
-10
40
90
140
190
Temperature (C)
M in Input High
Max Input Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com