Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESMMC64 Datasheet(PDF) 7 Page - Eorex Corporation

Part # ESMMC64
Description  64MB/128MB/256MB/512MB MultiMediaCard?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

ESMMC64 Datasheet(HTML) 7 Page - Eorex Corporation

  ESMMC64 Datasheet HTML 1Page - Eorex Corporation ESMMC64 Datasheet HTML 2Page - Eorex Corporation ESMMC64 Datasheet HTML 3Page - Eorex Corporation ESMMC64 Datasheet HTML 4Page - Eorex Corporation ESMMC64 Datasheet HTML 5Page - Eorex Corporation ESMMC64 Datasheet HTML 6Page - Eorex Corporation ESMMC64 Datasheet HTML 7Page - Eorex Corporation ESMMC64 Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
64MB/128MB/256MB/512MB MultiMediaCardTM
Eorex Corporation
www.eorex.com
7/8
Timing Diagram of Data Input and Output
The access time (tAT) is divided into two parts:
TSAD: The synchronous access time. This time defines the time of the
maximum number of cycles which are required to access a byte of the
memory field.
TAAD: The synchronous access time to read a byte out of the memory field.
The synchronous part of the access time is sum of the command frame length
and some additional internal cycles (NSAD = 16 cycles). At 20MHz one
cycle is 50ns (1/fCLK), multiplied with NSAD the resulting frame time is
TSAD = 0.8µs. The asynchronous access delay TAAD = 600µs maximum.
The resulting memory access time tAT is the sum of both parts:
tAT = TSAD + TAAD
with TSAD = NSAD/ fCLK



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com