Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESSDC512 Datasheet(PDF) 3 Page - Eorex Corporation

Part # ESSDC512
Description  64MB/128MB/256MB/512MB Secure Digital Card
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

ESSDC512 Datasheet(HTML) 3 Page - Eorex Corporation

  ESSDC512 Datasheet HTML 1Page - Eorex Corporation ESSDC512 Datasheet HTML 2Page - Eorex Corporation ESSDC512 Datasheet HTML 3Page - Eorex Corporation ESSDC512 Datasheet HTML 4Page - Eorex Corporation ESSDC512 Datasheet HTML 5Page - Eorex Corporation ESSDC512 Datasheet HTML 6Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
64MB/128MB/256MB/512MB Secure Digital Card
Eorex Corporation
www.eorex.com
3/6
Bus Operating Conditions
1. General
Parameter
Symbol
Min.
Max.
Unit
Remark
Peak voltage on all lines
-0.3
VDD+0.3
V
All Inputs
Input Leakage Current
-10
10
µA
All Outputs
Output Leakage Current
-10
10
µA
2. Power Supply Voltage
Parameter
Symbol
Min
Max
Unit
Remark
Supply voltage
VDD
2.0
3.6
V
CMD0, 12, 55, ACMD41
commands
Supply voltage specified in OCR register
Except CMD0, 15, 55,
ACMD41 commands
Supply voltage differentials (VSS1, VSS2)
-0.3
0.3
V
Power up time
250
ms
From 0V to VDD Min.
Note: The current consumption of any card during the power-up procedure must not exceed 10mA.
3. Bus Signal Line Load
The total capacitance CL of each line of the MultiMediaCard bus is the sum of the bus master
capacitance CHOST, the bus capacitance CBUS itself and the capacitance CCARD of each card
connected to this line:
CL = CHOST + CBUS + N* CCARD
Where N is the number of connected cards. Requiring the sum of the host and bus
capacitance’s not to exceed 30pF for up to 10 cards, and 40pF up to 30 cards, the following
values must not be exceeded:
Parameter
Symbol
Min
Max
Unit
Remark
Bus signal line capacitance
CL
100
pF
fpp≦20MHz, 7 cards
Signal card capacitance
CCARD
10
pF
Maximum signal line inductance
16
nH
fpp≦20MHz
Pull-up resistance inside card (pin1)
RDAT3
10
90
May be used for card
detection
Note that the total capacitance of CMD and DAT lines will be consist of CHOST, CBUS and one CCARD
only since they are connected separately to the SD Memory Card host.
Parameter
Symbol
Min
Max
Unit
Remark
Pull-up resistance
RCMD, RDAT
10
100
To prevent bus floating
Bus signal line capacitance
CL
250
pF
fpp≦5MHz, 21 cards



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com