Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3102 Datasheet(PDF) 1 Page - Eorex Corporation

Part # EP3102
Description  150 KHz, 2A Asynchronous Step-down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3102 Datasheet(HTML) 1 Page - Eorex Corporation

  EP3102 Datasheet HTML 1Page - Eorex Corporation EP3102 Datasheet HTML 2Page - Eorex Corporation EP3102 Datasheet HTML 3Page - Eorex Corporation EP3102 Datasheet HTML 4Page - Eorex Corporation EP3102 Datasheet HTML 5Page - Eorex Corporation EP3102 Datasheet HTML 6Page - Eorex Corporation EP3102 Datasheet HTML 7Page - Eorex Corporation EP3102 Datasheet HTML 8Page - Eorex Corporation EP3102 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
eorex
(Preliminary)
EP3102
Nov. 2006
www.eorex.com
1/10
150 KHz, 2A Asynchronous Step-down Converter
Features
• 3.3V, 5V, 12V and Adjustable Output Version
• Adjustable Version Output Voltage Range,
1.23V to 37V +4% Max over Line and Load
Condition
• Input Voltage Range up to 40V
• Output Load Current: 2A
• 150 KHz Fixed Frequency Internal Oscillator
• Voltage Mode Non-synchronous PWM Control
• Thermal-shutdown and Current-limit Protection
• ON/OFF Shutdown Control Input
• Low Power Standby Mode
• Built-in Switching Transistor on Chip
• SOP-8L package
Applications
• Simple High-efficiency Step-down (Buck)
Regulator
• Efficient Pre-regulator for Linear Regulators
• On-card Switching Regulators
• Positive to Negative Converter
• Battery Charger
Description
The EP3102 is a monolithic integrated circuit that
provide all the active functions for a step-down
switching regulator, capable of driving a 2A load
without
additional
transistor
component.
Requiring a minimum number of external
component, the board space can be saved easily.
The external shutdown function can be controlled
by TTL logic level and then come into standby
mode.
The
internal
compensation
makes
feedback control have good line and load
regulation without external design. Regarding
protected function, thermal shutdown is to
prevent over temperature operating from damage,
and current limit is against over current operating
of the output switch. The EP3102 operates at a
switching frequency of 150KHz thus allowing
smaller sized filter components than what would
be needed with lower frequency switching
regulators. Other features include a guaranteed
+4% tolerance on output voltage under specified
input voltage and output load conditions, and
+15% on the oscillator frequency. The output
version included fixed 3.3V, 5V, 12V, and an
adjustable type. The package is available in a
standard 8-lead SOP8.
Typical Application


Similar Part No. - EP3102

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP3102 EOREX-EP3102_15 Datasheet
350Kb / 10P
150 KHz, 2A Asynchronous Step-down Converter
More results

Similar Description - EP3102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2593HV NSC-LM2593HV Datasheet
753Kb / 21P
SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
logo
Monolithic Power System...
MP1580 MPS-MP1580 Datasheet
253Kb / 10P
2A, 380 KHz Step-Down Converter
logo
GTM CORPORATION
GSC2596M GTM-GSC2596M Datasheet
648Kb / 6P
150 KHz, 2A PWM Step-Down DC/DC Converter
logo
Eorex Corporation
EP3101 EOREX-EP3101 Datasheet
382Kb / 13P
150 KHz, 3A Asynchronous Step-down Converter
logo
Anpec Electronics Corop...
APW7085 ANPEC-APW7085 Datasheet
499Kb / 24P
2A, 26V, 380kHz, Asynchronous Step-Down Converter
logo
Texas Instruments
LM2592HVT-33 TI-LM2592HVT-33 Datasheet
2Mb / 29P
LM2592HV SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage
logo
Eorex Corporation
EP3101 EOREX-EP3101_15 Datasheet
435Kb / 13P
150 KHz, 3A Asynchronous Step-down Converter
EP3102 EOREX-EP3102_15 Datasheet
350Kb / 10P
150 KHz, 2A Asynchronous Step-down Converter
logo
Fitipower Integrated Te...
FR9761 FITIPOWER-FR9761 Datasheet
743Kb / 12P
23V, 2A, 1.4MHz Asynchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com