Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP30H06DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP30H06DF
Description  60V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP30H06DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP30H06DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP30H06DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP30H06DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP30H06DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP30H06DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP30H06DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP30H06DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP30H06DF
60V N-Channel Enhancement Mode MOSFET
AP30H06DF REV1.0
永源微電子科技有限公司
Description
The AP30H06DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 60V ID =30A
RDS(ON) <36mΩ @ VGS=10V(Type:28mΩ)
Application
LED lamp
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP30H06DF
PDFN3*3-8L
AP30H06DF XXX YYYY
5000
Absolute Maximum Ratings@Tj=25oC(unless otherwise specified)
Symbol
Parameter
Max.
Units
VDSS
Drain-Source Voltage
60
V
VGSS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, VGS @ 10V1
30
A
ID@TC=100
℃
Continuous Drain Current, VGS @ 10V1
17
A
IDM
Pulsed Drain Current
74
A
IAS
Avalanche Current
13
A
EAS
Single Pulsed Avalanche Energy
22
mJ
PD@TC=25
℃
Power Dissipation
31.3
W
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
℃
RθJA
Thermal Resistance Junction-Ambient 1
62
℃/W
RθJC
Thermal Resistance Junction-Case1
4
℃/W


Similar Part No. - AP30H06DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP30H06NF APME-AP30H06NF Datasheet
773Kb / 7P
60V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP30H06DF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
60V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com