Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC12 Datasheet(PDF) 4 Page - ALPS ALPINE CO., LTD.

Part # EC12
Description  12mm Size Insulated Shaft Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPSALPINE [ALPS ALPINE CO., LTD.]
Direct Link  https://www.alpsalpine.com/e/
Logo ALPSALPINE - ALPS ALPINE CO., LTD.

EC12 Datasheet(HTML) 4 Page - ALPS ALPINE CO., LTD.

  EC12 Datasheet HTML 1Page - ALPS ALPINE CO., LTD. EC12 Datasheet HTML 2Page - ALPS ALPINE CO., LTD. EC12 Datasheet HTML 3Page - ALPS ALPINE CO., LTD. EC12 Datasheet HTML 4Page - ALPS ALPINE CO., LTD. EC12 Datasheet HTML 5Page - ALPS ALPINE CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Encoders
Encoders
Encoders
157
Metal
Shaft
Insulated
Shaft
Hollow
Shaft
Ring
Type
Detector
Slide
Push
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT SwitchTM
Type
Insulated Shaft Type
Hollow Shaft Type
12mm size
18mm size
5mm size
10mm size
Series
EC12E
EC12D
EC18A
EC05E
EC10E
Photo
Output
Incremental(
Two phase A and B )
Absolute type
Incremental(
Two phase A and B )
Shaft types
Single-shaft
Hollow shaft
Operating direction
Vertical
Vertical
Horizontal
Horizontal
Number of pulse /
Number of detent
12 / 12
24 / 24
24 / Without
15 / 30
12 positions
16 positions
12 / 12
12 / 24
12 / 12
Features
-
With push-on switch
Water Resisting
Performance(IPX7)
Surface
Mount Type
-
Dimensions
(
mm)
W
12.4
12.5
20
5.7
7.5
9.8
D
13.2
11.7
18
6
3.3
4.4
H
5
8.75
2.7
7.25
10.6 / 12.6 / 14.6
Operating temperature range –10℃ to + 70℃ –40℃ to + 85℃ ー 20℃ to + 60℃
ー 30℃ to + 85℃
ー 5℃ to + 45℃
ー 30℃ to + 85℃(ForAutomotive)
Operating life
15,000 cycles
30,000 cycles
30,000 cycles
100,000 cycles
Automotive use
-
●
-
-
○
Life cycle (availability)
Electrical
performance
Rating
0.5mA 5V DC
1mA 5V DC
1mA 10V DC
0.55mA 5.5V DC
1mA 5V DC
Max./min.operatingcurrent
(
Resistive load)
5mA / 0.5mA
10mA / 1mA
-
0.55mA / −
-
Insulation
resistance
10MΩ min.
50V DC
100MΩ min. 250V DC
10MΩ min. 250V DC
50MΩ min. 50V DC
Voltage proof 50V AC for 1 minute 300V AC for 1 minute
or 360V AC for 1s
50V AC for 1 minute or
60V AC for 2s
50V AC for 1 minute
Mechanical
performance
Rotational torque
(
Without detent)
10mN・m max.
25±15mN・m
40±15mN・m
-
-
-
-
Detent torque
3 ± 2mN・m
3 to 20mN・m
5 ± 3mN・m
10 ± 5mN・m
60 ± 20mN・m
1.6 ± 1.3mN・m
5 ± 3mN・m
6 ± 3mN・m
Push-pull
strength
80N
100N
Push 100N /
pull 50N
-
Shaft configuration
Flat, Hollow Shaft
Flat
Hollow shaft
Terminal type
Insertion
Reflow
Insertion
Switch
Specifications
Switch type
-
Push-on switch
-
-
-
Contact
arrangement
-
Single pole and
single throw(Push-on)
-
-
-
Travel(mm)
-
0.5 ± 0.3
-
-
-
Operating
force(N)
-
3
+
1.5
−
1
6
+
2.5
−
2
-
-
-
Rating
-
1mA 5V DC
-
-
-
Contact
resistance
-
100mΩ max. for initial period;
200m Ω max. after operating life.
-
-
-
Operating life
-
30,000times min.
-
-
-
Page
174
177
179
181
● Encoders Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 193
● Encoders Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 194
Notes
1. The operating temperature range for automotive applications can be raised upon request. Please contact us for details.
2. ● indicates applicability to all products in the series, while ○ indicates applicability to some products in the series.
■ List of Varieties



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com