Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC12E Datasheet(PDF) 5 Page - ALPS ALPINE CO., LTD.

Part # EC12E
Description  12mm Size Insulated Shaft Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPSALPINE [ALPS ALPINE CO., LTD.]
Direct Link  https://www.alpsalpine.com/e/
Logo ALPSALPINE - ALPS ALPINE CO., LTD.

EC12E Datasheet(HTML) 5 Page - ALPS ALPINE CO., LTD.

  EC12E Datasheet HTML 1Page - ALPS ALPINE CO., LTD. EC12E Datasheet HTML 2Page - ALPS ALPINE CO., LTD. EC12E Datasheet HTML 3Page - ALPS ALPINE CO., LTD. EC12E Datasheet HTML 4Page - ALPS ALPINE CO., LTD. EC12E Datasheet HTML 5Page - ALPS ALPINE CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
193
Metal
Shaft
Insulated
Shaft
Hollow
Shaft
Ring
Type
Detector
Slide
Push
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT SwitchTM
Encoders Soldering Conditions
Soldering surfacetemperature
Soldering temperature
Heating time
Soldering time
No. of solders
3 s
EC11J
EC10E, EC12D, EC12E
EC45A, EC60A
EC40A
EM20B
EC05E, EC09E, EC10E, EC111, EC11B,
EC11E, EC11G, EC11K, EC12D, EC12E,
EC18A, EC20A, EC21A, EC28A, EC35A,
EC35AH, EC35B, EC40A, EC45A, EC50A,
EC60A, EM20B
EC09E, EC11B, EC111, EC11E, EC11G,
EC11K, EC18A, EC20A, EC21A, EC28A,
EC35A, EC35AH, EC35B, EC50A
Series
Series
350℃ max.
3s max.
1 time
100℃ max.
260±5℃
2 min. max.
5±1s
2 time max.
350±10℃
2 time
100℃ max.
100℃ max.
110℃ max.
80℃ max.
260±5℃
260℃ max.
260℃ max.
260℃ max.
1 min. max.
2 min. max.
1 min. max.
1 min. max.
3±1s
5s max.
10s max.
3s max.
2 time max.
2 time max.
1 time
2 time max.
Tip temperature
Soldering time
No. of solders
Preheating
Dip soldering
Reference for Dip Soldering
Condition for Reflow
Reference for Hand Soldering
EC05E
EC11J
Series
260℃
230℃
180℃
150℃
2 min.max.
3s
40s
4 min. max
2 time max.
250℃ min.
230℃ min.
180℃
150℃
60s to 120s
ー
30s to 40s
ー
2 time max.
A
B
C
D
E
F
G
H
No. of reflows
Temperature profile
+
1
 
0
1.When using an infrared reflow oven, solder may sometimes not be applied. Be sure to use a hot air reflow oven or a
 type that uses infrared rays in combination with hot air.
2.The temperatures given above are the maximum temperatures at the terminals of the potentiometer when
 employing a hot air reflow method. The temperature of the PC board and the surface temperature of the
 potentiometer may vary greatly depending on the PC board material, its size and thickness. Ensure that the surface
 temperature of the potentiometer does not rise to 250°C or greater.
3.Conditions vary to some extent depending on the type of reflow bath used. Be sure to give due consideration to this
 prior to use.
Notes
300
200
100
A
B
C
Time (s)
G max.
F max.
H max.
E max.
Room
temperature
Pre-heating
D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com