Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTO20 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RTO20
Description  Power Resistors Thick Film Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RTO20 Datasheet(HTML) 2 Page - Vishay Siliconix

  RTO20 Datasheet HTML 1Page - Vishay Siliconix RTO20 Datasheet HTML 2Page - Vishay Siliconix RTO20 Datasheet HTML 3Page - Vishay Siliconix RTO20 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RTO 20
Power Resistors Thick Film Technology
Vishay Sfernice
Document Number: 50005
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 05-Jun-07
15
Note: For very low ohmic values, TCR for information
CHOICE OF THE HEATSINK
The user must choose according to the working conditions of the component (power, room temperature).
Maximum working temperature must not exceed 155 °C. The dissipated power is simply calculated by the following ratio:
P:
expressed in W
ΔT:
difference between maximum working temperature and room temperature
RTH:
(j-c): thermal resistance value measured between resistive layer and outer side of the resistor. It is the thermal
resistance of the component: (Special Features Table)
RTH:
(c-a): thermal resistance value measured between outer side of the resistor and room temperature. It is the thermal
resistance of the heatsink itself (type, shape) and the quality of the fastening device.
Example:
RTH: (c-a) for RTO 20 power rating 10 W at ambient temperature + 25 °C
Thermal resistance RTH (j-c): 6.5 °C/W
Considering equation (1) we have:
PERFORMANCE
TESTS
CONDITIONS
TYPICAL DRIFTS
Momentary Overload
EN 60115-1
2 Pr for R < 2
Ω
1.6 Pr for R
≥ 2 Ω
Us < 1.5 UL
± (0.25 % + 0.005
Ω)
Rapid Temperature Change
EN 60115-1/60068-2-14
5 cycles
- 55 °C to + 155 °C
± (0.5 % + 0.005
Ω)
Load Life
EN 60115-1
1000 h Pr at + 25 °C
± (1 % + 0.005
Ω)
Humidity (Steady State)
EN 60115-1
56 days R.H. 95 %
± (0.5 % + 0.005
Ω)
High Temperature Exposure
NF EN 140 000
1000 h - 40 % Pr at + 100 °C
± (0.5 % + 0.005
Ω)
Vibration
MIL STD 202, Method 204 C Test D
± (0.2 % + 0.005
Ω)
Terminal Strength
MIL STD 202, Method 211 Test A1
± (0.2 % + 0.005
Ω)
Shock
IEC 60115-1
IEC 60068-2-27
Saw tooth: 100 g/6 ms
± (0.5 % + 0.005
Ω)
SPECIAL FEATURES
Resistance Values
≥ 0.01
≥ 0.015
≥ 0.1
≥ 0.5
Tolerances
± 1 % at ± 10 %
Typical Temperature
Coefficient Range
(- 55 °C/+ 155 °C)
± 900 ppm/°C
± 700 ppm/°C
± 250 ppm/°C
± 150 ppm/°C
P =
ΔT
R
TH (j-c) + RTH (c-a)
[]
-------------------------------------------------------------
1
()
ΔT
155 °C - 25 °C
130 °C
==
R
TH (j-c) + RTH (c-a) =
ΔT
P
------- =
130
10
---------- = 13 °C/W
R
TH (c-a) = 13 °C/W - 6.5 °C/W = 6.5 °C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com