Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UILJ6 Datasheet(PDF) 26 Page - PANDUIT CORP.

Part # UILJ6
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

UILJ6 Datasheet(HTML) 26 Page - PANDUIT CORP.

Back Button UILJ6 Datasheet HTML 20Page - PANDUIT CORP. UILJ6 Datasheet HTML 21Page - PANDUIT CORP. UILJ6 Datasheet HTML 22Page - PANDUIT CORP. UILJ6 Datasheet HTML 23Page - PANDUIT CORP. UILJ6 Datasheet HTML 24Page - PANDUIT CORP. UILJ6 Datasheet HTML 25Page - PANDUIT CORP. UILJ6 Datasheet HTML 26Page - PANDUIT CORP. UILJ6 Datasheet HTML 27Page - PANDUIT CORP. UILJ6 Datasheet HTML 28Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
24
TIA/EIA-606-A Description Summary
The TIA/EIA-606-A standard establishes guidelines for owners, end users, manufacturers, consultants,
contractors, designers, installers and facilities administrators involved in the administration of the
telecommunications infrastructure.
Four classes of administration are specified in the standard, to accommodate diverse degrees of
complexity present in the telecommunications infrastructure. The specifications for each class include
requirements for identifiers, records, and labeling.
Class 1
addresses the administration needs of a premise that is served by a single
Telecommunications Space (TS) containing its telecommunications equipment.
Required in class 1 administration are identifiers for the TS, any Telecommunications Main Grounding
Busbar, and all elements of the horizontal links.
For a copper horizontal link, the elements include:
• the connecting hardware (e.g., patch panel port or the section of a punchdown block terminating a
four pair horizontal cable)
• a four pair horizontal cable
• a telecommunications outlet/connector terminating a four pair horizontal cable in the work area
If a Consolidation Point (CP) is present:
• the segment of four pair horizontal cable extending from the TS to the CP connecting hardware
• the CP connecting hardware or section of a punchdown block terminating a 4-pair horizontal cable
• the segment of 4-pair horizontal cable extending from the CP connecting hardware to the
outlet /connector of a Multi-User Telecommunications Outlet Assembly (MUTOA) or to the work area outlet
If a MUTOA is present:
• a telecommunications outlet/connector in the MUTOA
For an optical fiber horizontal link, the elements include:
• a pair of optical fiber terminations on a patch panel in the TS
• a pair of optical fibers in a cable
• a pair of optical fiber terminations in the work area
• a telecommunications outlet/connector terminating a pair of optical fibers in the work area
If a Consolidation Point (CP) is present:
• the segment of optical fiber cable extending from the TS to the CP connecting hardware
• the CP connecting hardware or section terminating a pair of optical fibers
• the segment of optical fiber cable extending from the CP connecting hardware to the outlet /connector
of a MUTOA or to the work area outlet
Class 2
administration provides for telecommunications infrastructure administration
needs of a single building or tenant that is served by a single or multiple TSs within
a single building. Class 2 administration includes all elements of class 1 administration, plus
identifiers for backbone cabling, multiple-element grounding, and bonding systems, and firestopping.
Class 3
administration addresses the needs of a campus, including its buildings and
outside plant elements. Class 3 administration includes all elements of class 2
administration, plus identifiers for buildings and inter-building cabling. Administration of pathways and
spaces, and of outside plant elements is recommended.
Class 4
administration addresses the needs of a multi-site system. Class 4 administration
includes all elements of class 3 administration, plus an identifier for each site and
optional identifiers for wide area network connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com