Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9600DPZ Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9600DPZ
Description  Dual bidirectional bus buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9600DPZ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9600DPZ Datasheet HTML 5Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 6Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 7Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 8Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 9Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 10Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 11Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 12Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
NXP Semiconductors
PCA9600
Dual bidirectional bus buffer
Tamb = -40 °C to +85 °C unless otherwise specified; voltages are specified with respect to GND with VCC = 2.5 V to 15 V
unless otherwise specified. Typical values are measured at VCC = 5 V and Tamb = 25 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VRX to VSX, VRY to VSY; on
falling input between VRX = input
switching threshold, and VSX
output falling to 50 % VCC
-
100
-
ns
VRX to VSX, VRY to VSY; on
rising input between VRX = input
switching threshold, and VSX
output reaching 50 % VCC
-
95
-
ns
Input capacitance
Ci
input capacitance
effective input capacitance of
any signal pin measured by
incremental bus rise times;
guaranteed by design, not
production tested
-
-
10
pF
Table 6. Characteristics...continued
[1]
This bus pull-up current specification is intended to assist design of the bus pull-up resistor. It is not a specification of the sink capability (see VOL under
sub-section "Output logic LOW level"). The maximum static sink current for a Standard/Fast-mode I2C-bus is 3 mA and PCA9600 is guaranteed to sink
3 mA at SX/SY when its pins are holding the bus LOW. However, when an external device pulls the SX/SY pins below 1.4 V, the PCA9600 may source a
current between 0 mA and 1 mA maximum. When that other external device is driving LOW it will pull the bus connected to SX or SY down to, or below,
the 0.4 V level referenced in the I2C-bus specification and in these test conditions. Then that device must be able to sink up to 1 mA coming from SX/SY
plus the usual pull-up current. Therefore the external pull-up used at SX/SY should be limited to 2 mA. The typical and maximum currents sourced by SX/
SY as a function of junction temperature are shown in Figure 10, and the equivalent circuit at the SX/SY interface is shown in Figure 4.
[2]
Valid over temperature for VCC ≤ 5 V. At higher VCC, this current may increase to maximum -20 μA at VCC = 15 V.
[3]
The input logic threshold is independent of the supply voltage.
[4]
The minimum value requirement for pull-up current, 0.3 mA, guarantees that the minimum value for VSX output LOW will always exceed the maximum VSX
input HIGH level to eliminate any possibility of latching. The specified difference is guaranteed by design within any IC. While the tolerances on absolute
levels allow a small probability, the LOW from one SX output is recognized by an SX input of another PCA9600, this has no consequences for normal
applications. In any design the SX pins of different ICs should never be linked because the resulting system would be very susceptible to induced noise
and would not support all I2C-bus operating modes.
[5]
The fall time of VTX from 5 V to 2.5 V in the test is approximately 10 ns.
The fall time of VSX from 5 V to 2.5 V in the test is approximately 20 ns.
The rise time of VTX from 0 V to 2.5 V in the test is approximately 15 ns.
The rise time of VSX from 0.7 V to 2.5 V in the test is approximately 25 ns.
002aac838
VCC
≤ 1 mA
SX (SY)
Vref
Figure 4. Equivalent circuit at SX/SY
PCA9600
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6.1 — 20 December 2021
9 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com