Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27W800 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M27W800
Description  8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W800 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M27W800 Datasheet HTML 5Page - STMicroelectronics M27W800 Datasheet HTML 6Page - STMicroelectronics M27W800 Datasheet HTML 7Page - STMicroelectronics M27W800 Datasheet HTML 8Page - STMicroelectronics M27W800 Datasheet HTML 9Page - STMicroelectronics M27W800 Datasheet HTML 10Page - STMicroelectronics M27W800 Datasheet HTML 11Page - STMicroelectronics M27W800 Datasheet HTML 12Page - STMicroelectronics M27W800 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
M27W800
PRESTO III Programming Algorithm
The PRESTO III Programming Algorithm allows
the whole array to be programed with a guaran-
teed margin in a typical time of 26 seconds. Pro-
gramming with PRESTO III consists of applying a
sequence of 50µs program pulses to each word
until a correct verify occurs (see Figure 9). During
programing and verify operation a MARGIN
MODE circuit is automatically activated to guaran-
tee that each cell is programed with enough mar-
gin. No overprogram pulse is applied since the
verify in MARGIN MODE at VCC much higher than
3.6V provides the necessary margin to each pro-
grammed cell.
Program Inhibit
Programming of multiple M27W800s in parallel
with different data is also easily accomplished. Ex-
cept for E, all like inputs including G of the parallel
M27W800 may be common. A TTL low level pulse
applied to a M27W800's E input and VPP at 12.5V,
will program that M27W800. A high level E input
inhibits the other M27W800s from being pro-
grammed.
Program Verify
A verify (read) should be performed on the pro-
grammed bits to determine that they were correct-
ly programmed. The verify is accomplished with E
at VIH and G at VIL, VPP at 12.5V and VCC at
6.25V.
Figure 8. Programming and Verify Modes AC Waveforms
tAVEL
VALID
AI01599
A0-A18
Q0-Q15
BYTEVPP
VCC
G
DATA IN
DATA OUT
E
tQVEL
tVPHAV
tVCHAV
tEHQX
tELEH
tGLQV
tQXGL
tGHQZ
tGHAX
PROGRAM
VERIFY
Figure 9. Programming Flowchart
AI03600
n = 0
Last
Addr
VERIFY
E = 50
µs Pulse
++n
= 25
++ Addr
VCC = 6.25V, VPP = 12.5V
FAIL
CHECK ALL WORDS
BYTEVPP =VIH
1st: VCC = 5V
2nd: VCC = 2.7V
YES
NO
YES
NO
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com