Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9601DPZ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9601DPZ
Description  Dual bidirectional bus buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601DPZ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9601DPZ Datasheet HTML 3Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 4Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 5Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 6Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 7Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 8Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 9Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 10Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
In accordance with the Absolute Maximum Rating System (IEC 60134).
Voltages with respect to pin GND.
Symbol
Parameter
Conditions
Min
Max
Unit
II2C-bus
I2C-bus current
SX and SY; I2C-bus
SDA or SCL
-
250
mA
Ptot
total power dissipation
-
300
mW
Tj
junction temperature
operating range
-40
+125
°C
Tstg
storage temperature
-55
+125
°C
Tamb
ambient temperature
operating
-40
+85
°C
Table 5. Limiting values...continued
[1]
See also Section 10.2.
9 Characteristics
Tamb = -40 °C to +85 °C unless otherwise specified; voltages are specified with respect to GND with VCC = 2.5 V to 15 V
unless otherwise specified. Typical values are measured at VCC = 5 V and Tamb = 25 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Power supply
VCC
supply voltage
operating
2.5
-
15
V
VCC = 5 V; buses HIGH
-
5.2
6.75
mA
ICC
supply current
VCC = 15 V; buses HIGH
-
5.5
7.3
mA
ΔICC
additional supply current
per TX/TY output driven LOW; VCC
= 5.5 V
-
1.4
3.0
mA
Bus pull-up (load) voltages and currents
Pins SX and SY; I2C-bus
VI
input voltage
open-collector; RX and RY HIGH
-
-
15
V
VO
output voltage
open-collector; RX and RY HIGH
-
-
15
V
IO
output current
static; VSX = VSY = 0.4 V
[1] 0.3
-
15
mA
IO(sink)
output sink current
VSX = VSY = 1 V; RX and RY LOW;
Tamb = 0 °C to 85 °C
15
-
-
mA
IL
leakage current
VSX = VSY = 15 V; RX and RY HIGH
-
-
10
μA
Pins TX and TY
VO
output voltage
open-collector
-
-
15
V
Iload
load current
maximum recommended on
buffered bus; VTX = VTY = 0.4 V; SX
and SY LOW on I2C-bus = 0.4 V
-
-
30
mA
IO
output current
from buffered bus; VTX = VTY = 1 V;
SX and SY LOW on I2C-bus = 0.4 V
60
130
-
mA
IL
leakage current
on buffered bus; VTX = VTY = VCC =
15 V; SX and SY HIGH
-
-
10
μA
Input currents
Table 6. Characteristics
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 3.1 — 4 January 2022
7 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com