Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP-366D Datasheet(PDF) 1 Page - Prokits Industries Co., LTD

Part # DP-366D
Description  PK-810B Basic PC & NB Repair Tool Set (with Euro plug)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Direct Link  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD

DP-366D Datasheet(HTML) 1 Page - Prokits Industries Co., LTD

  DP-366D Datasheet HTML 1Page - Prokits Industries Co., LTD DP-366D Datasheet HTML 2Page - Prokits Industries Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P1 / 2
PRODUCT SPECIFICATION
PK-810B Basic PC & NB Repair Tool Set (with Euro plug)
*** Picture for reference only. All specifications are subject to change by supplier. ***
Specifications:
PK-810B Contents
1PK-036S
Long Nose Plier (136mm)
1PK-037S
Diagonal Cutting Plier (110mm)
1PK-125T
Super Fine Tip Straight Tweezer (120mm)
1PK-H026
Adjustable Wrench - 6"
8PK-3161
7 In 1 Tool for AWG18/16/14/12/10
908-609
IC Extractor
9DP-031B
Desoldering wick(2.0mm)Length(1.5M)
9DP-3616A
Square scraper/Stainless steel brush
9DP-3616B
Slotted shaft/Split 45 lever
9DP-3616C
Tapered reamer/Tapered needle
9DP-S001
Pen Solder 63%
9H003
3 Prong Holder
9PK-153
Brush Black Handle
9S004
Heat Sink
9SD030-2
8Pcs Bits Pack
9SD-202A
Pro-Soft Screwdriver (-5 5x75mm)
9SD-202B
Pro-Soft Screwdriver (+#1 5x75mm)
9SD-2320M-EXT
Extension Bar 100mm
9SD-9857M-HAN
Screwdriver Handle
DP-366D
Desoldering Pump
SI-130B-20
Ceramic Soldering Iron(220V)
9ST-PK810
Tool Bag


Similar Part No. - DP-366D

ManufacturerPart #DatasheetDescription
logo
Prokits Industries Co.,...
DP-366D PROSKITINDUSTRIES-DP-366D Datasheet
818Kb / 2P
PK-810C Basic PC & NB Repair Tool Set (with UK plug)
More results

Similar Description - DP-366D

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
62201-5700 MOLEX11-62201-5700 Datasheet
35Kb / 1P
Signal Pin Inserter Repair Tool
62202-2090 MOLEX11-62202-2090 Datasheet
44Kb / 1P
Single Pin Repair Tool
0640000076 MOLEX11-0640000076 Datasheet
55Kb / 1P
Hand Tool Repair Kit
logo
PHOENIX CONTACT
1208843 PHOENIX-1208843 Datasheet
57Kb / 3P
Tool set - TOOL SET ALLROUND 2
1208856 PHOENIX-1208856 Datasheet
54Kb / 3P
Tool set - TOOL DATA SET
1208953 PHOENIX-1208953 Datasheet
59Kb / 3P
Tool set - TOOL-SET ALLROUND 3
1212543 PHOENIX-1212543 Datasheet
53Kb / 2P
Tool set - SF-M SET
1411049 PHOENIX-1411049 Datasheet
83Kb / 5P
Tool set - FOC-TOOL-GOF KONF SET
1411051 PHOENIX-1411051 Datasheet
61Kb / 2P
Tool set - FOC-TOOL-PCF KONF SET
logo
Molex Electronics Ltd.
0622015700 MOLEX-0622015700 Datasheet
47Kb / 7P
Signal Pin Inserter Repair Tool
08/26/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com