Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS8-CLN Datasheet(PDF) 14 Page - PANDUIT CORP.

Part # LS8-CLN
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8-CLN Datasheet(HTML) 14 Page - PANDUIT CORP.

Back Button LS8-CLN Datasheet HTML 10Page - PANDUIT CORP. LS8-CLN Datasheet HTML 11Page - PANDUIT CORP. LS8-CLN Datasheet HTML 12Page - PANDUIT CORP. LS8-CLN Datasheet HTML 13Page - PANDUIT CORP. LS8-CLN Datasheet HTML 14Page - PANDUIT CORP. LS8-CLN Datasheet HTML 15Page - PANDUIT CORP. LS8-CLN Datasheet HTML 16Page - PANDUIT CORP. LS8-CLN Datasheet HTML 17Page - PANDUIT CORP. LS8-CLN Datasheet HTML 18Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
12
Section 5.1.2 States
A horizontal link identifier, unique within the building, shall be assigned to each horizontal link and to its elements.
Each end of a horizontal cable shall be labeled within 300mm (12 inches) of the end of the cable jacket with the
horizontal link identifier, which shall be visible on the exposed part of the cable jacket. This shall include each
cable in the Telecommunications Space (TS), at the work area, and at a Consolidation Point (CP), if present.
A horizontal link identifier shall have a format of “fs-an” where:
f =
numeric character(s) identifying the floor of the building occupied by the TS
s =
alpha character(s) uniquely identifying the TS on floor f, or the building area in which the space
is located
a =
one to two alpha characters uniquely identifying a single patch panel or a group of patch panels with
sequentially numbered ports, an IDC connector or a group of IDC connectors serving as part of the
horizontal cross-connect
n =
two to four numeric characters designating the port on a patch panel in the TS or the section of an
IDC Connector on which a four pair horizontal cable is terminated in the TS
For example:
“1A-B01” = cable origination point first
floor, TS A, patch panel B, position 01
Section 6.1.1 States
A unique building backbone cable identifier shall be assigned to each backbone cable between two TS’s in one
building and it shall have a format of “fs1/fs2-n” where:
fs1 = TS identifier for the space containing the termination of one end of the backbone cable
fs2 = TS identifier for the space containing the termination of the other end of the backbone cable
n = one to two alphanumeric characters identifying a single cable with one end terminated in the TS
designated fs1 and the other end terminated in the TS designated fs2
In this format, the TS with the lesser alphanumeric identifier shall be listed first. If the entire cable is within one
TS, the format may be fs1/fs1-n. All building backbone cable identifiers in a single infrastructure should have the
same format where possible. The backbone cable identifier shall be marked on each end of the backbone cable
within 300mm (12 inches) of the end of the cable jacket.
For example:
“1A/2A-1” = TS A on first floor to TS A
on second floor, cable 1
Panduit labels for laser/ink jet printers and hand-held thermal transfer printers can be
generated by a mechanical device and are made of durable polymer construction that will
withstand the effects of moisture, heat, and time.
UILJ2 Label and
UIHL12-X0 or
UIHL22X0 Marker Tie
Ultimate ID ®
Label and
Marker Tie
Self-Laminating
Label
S100X150YAJ
Self-Laminating
Label and Sleeve
S100X160YAJ
NWSLC-3Y
Horizontal Link Identification – Cables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com