Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28C16 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M28C16
Description  16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C16 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M28C16 Datasheet HTML 2Page - STMicroelectronics M28C16 Datasheet HTML 3Page - STMicroelectronics M28C16 Datasheet HTML 4Page - STMicroelectronics M28C16 Datasheet HTML 5Page - STMicroelectronics M28C16 Datasheet HTML 6Page - STMicroelectronics M28C16 Datasheet HTML 7Page - STMicroelectronics M28C16 Datasheet HTML 8Page - STMicroelectronics M28C16 Datasheet HTML 9Page - STMicroelectronics M28C16 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN =0V
6
pF
COUT
Output Capacitance
VOUT =0V
12
pF
Note: 1. Sampled only, not 100% tested.
Table 5. Capacitance (1) (TA =25
°C, f = 1 MHz )
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
10
µA
ILO
Output Leakage Current
0V
≤ VIN ≤ VCC
10
µA
ICC
(1)
Supply Current (TTL inputs)
E = VIL,G = VIL , f = 5 MHz
30
mA
Supply Current (CMOS inputs)
E = VIL,G = VIL , f = 5 MHz
25
mA
ICC1
(1)
Supply Current (Standby) TTL
E = VIH
1mA
ICC2
(1)
Supply Current (Standby) CMOS
E > VCC –0.3V
100
µA
VIL
Input Low Voltage
– 0.3
0.8
V
VIH
Input High Voltage
2
VCC +0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = –400
µA
2.4
V
Note: 1. All I/O’s open circuit.
Table 6. Read Mode DC Characteristics (TA = 0 to 70
°C or –40 to 85°C; VCC = 4.5V to 5.5V)
Symbol
Parameter
Min
Max
Unit
tPUR
Time Delay to Read Operation
1
µs
tPUW
Time Delay to Write Operation (once VCC
≥ 4.5V)
10
ms
VWI
Write Inhibit Threshold
3.0
4.2
V
Note: 1. Sampled only, not 100% tested.
Table 7. Power Up Timing (1) (TA = 0 to 70
°C or –40 to 85°C; VCC = 4.5V to 5.5V)
Input Rise and Fall Times
≤ 20ns
Input Pulse Voltages
0.4V to 2.4V
Input and Output Timing Ref. Voltages
0.8V to 2.0V
Note that Output Hi-Z is defined as the point where data is no
longer driven.
Table 4. AC Measurement Conditions
AI00826
2.4V
0.4V
2.0V
0.8V
Figure 7. AC Testing Input Output Waveforms
AI01129
1.3V
OUT
CL = 30pF
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST
Figure 8. AC Testing Equivalent Load Circuit
6/18
M28C16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com