Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-SOURCE Datasheet(PDF) 21 Page - TEKTRONIX, INC.

Part # 2-SOURCE
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-SOURCE Datasheet(HTML) 21 Page - TEKTRONIX, INC.

Back Button 2-SOURCE Datasheet HTML 17Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 18Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 19Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 20Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 21Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 22Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 23Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 24Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 25Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Characteristics
Limits
Vout (HI)
≥ 2.5 V open circuit; ≥ 1.0 V into a 50 Ω load to ground.
Vout (LO)
≤ 0.7 V into a load of ≤ 4 mA; ≤ 0.25 V into a 50 Ω load to ground.
Aux input
300 Vrms CAT II with peaks ≤ ±425 V
Security lock
Rear-panel security slot connects to standard Kensington-style lock.
VESA mount
Standard (VESA MIS-D 100) 100 mm x 100 mm VESA mounting points on rear of instrument
Ground lug
Provides a safe ground return path when the instrument is operating on battery.
Software
VNC
Remotely control and view the screen on the instrument
IVI Driver
Provides a standard instrument programming interface for common applications such as LabVIEW,
LabWindows/CVI, Microsoft .NET, and MATLAB. Compatible with python, C/C++/C# and many other languages
through VISA.
TekScope
TekScope brings the power of the oscilloscope analysis environment to the PC. You can have the flexibility to
perform analysis tasks including serial decode, power analysis, timing, eye, and jitter analysis outside the lab.
Visit www.tek.com/software/tekscope-pc-analysis-software to learn more.
TekDrive
Upload, store, organize, search, download, and share any file type from any connected device. TekDrive is
natively integrated into the 2 Series MSO for seamless sharing and recalling of files - no USB stick is required.
Visit www.tek.com/software/tekdrive to learn more.
Programming examples
Programming with the 2/4/5/6 Series platforms has never been easier. With a programmers manual and
a GitHub site you have many commands and examples to help you get started remotely automating your
instrument. See github.com/TEKTRONIX/PROGRAMMATIC-CONTROL-EXAMPLES
Power
Line power
100 - 240 V ± 10% at 50 Hz to 60 Hz
AC Adapter output
24 V DC, 2.71 A
Power consumption
60 W (max)
Battery
Battery power
Requires Opt 2-BATPK or 2-BP battery pack, with 2 slots for batteries
2 Series MSO Datasheet
www.tek.com 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com