Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-PC Datasheet(PDF) 16 Page - TEKTRONIX, INC.

Part # 2-PC
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-PC Datasheet(HTML) 16 Page - TEKTRONIX, INC.

Back Button 2-PC Datasheet HTML 12Page - TEKTRONIX, INC. 2-PC Datasheet HTML 13Page - TEKTRONIX, INC. 2-PC Datasheet HTML 14Page - TEKTRONIX, INC. 2-PC Datasheet HTML 15Page - TEKTRONIX, INC. 2-PC Datasheet HTML 16Page - TEKTRONIX, INC. 2-PC Datasheet HTML 17Page - TEKTRONIX, INC. 2-PC Datasheet HTML 18Page - TEKTRONIX, INC. 2-PC Datasheet HTML 19Page - TEKTRONIX, INC. 2-PC Datasheet HTML 20Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Timebase delay range
-10 divisions to 5000s
Channel to channel deskew
range
-95 ns to +95 ns
Timebase accuracy2
± 25 ppm over any ≥1 ms interval
Trigger system
Trigger modes
Auto, normal, and single
Trigger coupling
DC, HF Reject (attenuates > 50 kHz), LF Reject (attenuates < 50 kHz), noise reject (reduces sensitivity)
Trigger holdoff range
0 s to 10 s
Trigger sensitivity
Edge type, DC coupled
Any analog input channel: the greater of 6 mV or 0.8 div
Aux In: 500 mVpp to 250 MHz
Trigger level ranges
Any input channel
±5 divisions from center of screen
Aux In
±8 V
Trigger frequency counter 3
Provides frequency readout of triggerable events.
Trigger types
Edge
Positive, negative, or either slope on any channel.
Pulse Width
Trigger on width of positive or negative pulses. Event can be time- or logic-qualified
Timeout
Trigger on an event which remains high, low, or either, for a specified time period. Event can be logic-qualified
Runt
Trigger on a pulse that crosses one threshold but fails to cross a second threshold before crossing the first
again. Event can be time- or logic-qualified
Logic
Trigger when logic pattern goes true, goes false, or occurs coincident with a clock edge. Pattern (AND, OR,
NAND, NOR) specified for all input channels defined as high, low, or don't care. Logic pattern going true can be
time-qualified
Setup/Hold
Trigger on violations of both setup time and hold time between clock and data present on any input channels
Rise/Fall
Trigger on pulse edge rates that are faster or slower than specified. Slope may be positive, negative, or either.
Event can be logic-qualified
3 Available in a future release.
2 Series MSO Datasheet
www.tek.com 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com