Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD-LAB9 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CD-LAB9
Description  ESD Protection Product Solutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-LAB9 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CD-LAB9 Datasheet HTML 1Page - Bourns Electronic Solutions CD-LAB9 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMLJ6.5A
SMLJ10CA
SMLJ13A
SMLJ15A
SMLJ15CA
SMLJ16A
SMLJ17A
SMLJ20A
VWM = 6.5 V
VWM = 10 V
VWM = 13 V
VWM = 15 V
VWM = 15 V
VWM = 16 V
VWM = 17 V
VWM = 20 V
Unidirectional
Bidirectional
Unidirectional
Unidirectional
Bidirectional
Unidirectional
Unidirectional
Unidirectional
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
SMLJ20CA
SMLJ24A
SMLJ24CA
SMLJ26A
SMLJ26CA
SMLJ28CA
SMLJ30A
SMLJ30CA
VWM = 20 V
VWM = 24 V
VWM = 24 V
VWM = 26 V
VWM = 26 V
VWM = 28 V
VWM = 30 V
VWM = 30 V
Bidirectional
Unidirectional
Bidirectional
Unidirectional
Bidirectional
Bidirectional
Unidirectional
Bidirectional
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
SMLJ33A
SMLJ33CA
SMLJ36CA
SMLJ40A
SMLJ45A
SMLJ48A
SMLJ48CA
SMLJ51CA
VWM = 33 V
VWM = 33 V
VWM = 36 V
VWM = 40 V
VWM = 45 V
VWM = 48 V
VWM = 48 V
VWM = 51 V
Unidirectional
Bidirectional
Bidirectional
Unidirectional
Unidirectional
Unidirectional
Bidirectional
Bidirectional
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
SMLJ54CA
SMLJ58A
SMLJ58CA
SMLJ64CA
SMLJ70CA
SMLJ75CA
SMLJ85CA
SMLJ150CA
VWM = 54 V
VWM = 58 V
VWM = 58 V
VWM = 64 V
VWM = 70 V
VWM = 75 V
VWM = 85 V
VWM = 150 V
Bidirectional
Unidirectional
Bidirectional
Bidirectional
Bidirectional
Bidirectional
Bidirectional
Bidirectional
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
Single Line
COPYRIGHT© 2018, BOURNS, INC. LITHO IN U.S.A. 07/18 PSG 400/ESD1827
CD-LAB9 started.indd 2
7/20/18 3:48 PM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com