Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90SD1636C Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI90SD1636C
Description  SERDES Gigabit Ethernet Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90SD1636C Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI90SD1636C Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90SD1636C Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90SD1636C Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90SD1636C Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90SD1636C Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90SD1636C Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90SD1636C Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90SD1636C Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90SD1636C Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
PS8922A
11/08/07
PI90SD1636C
SERDES Gigabit Ethernet Transceiver
Functional Block Description
Input Data Latch
The input data latch block latches the 10-bit TTL input parallel byte, TX<9:0>, on the rising edge of the 125 MHz user-provided
TX_CLK into the holding registers.
Parallel-to-Serial Converter
The received 10-bit TTL parallel input byte is converted to serial PECL level data stream by the parallel-to-serial block, and is trans-
mitted differentially to the line driver block at 1.25 Gbps. The 8b/10b encoded data is transmitted sequentially with bit 0 being sent
first.
Clock Generator
The 125 MHz signal used for clocking the serial outputs is generated by the TX PLL block based on the user-provided TX_CLK.
This clock should have a ±100 ppm tolerance.
Internal Loopback
When EWRAP is set to a logic HIGH, the serial data stream generated by the transmitter is looped back to the receiver path, instead
of going out to the DOUT± pins. When in loopback mode, a static logic 1 is transmitted at the line driver (DOUT+ is HIGH and
DOUT- is LOW).
Signal Detect
Signal detect block is used to sense the serial input data stream at pins DIN±. If the serial input is lower than 50mV differentially, this
block deasserts SIG_DET and sets the output, RX<9:0>, to all logic ones. When the serial input at pins DIN± is greater than 50mV,
the signal is directed to the receive path.
Equalizer and Slicer
The signal received from the line (DIN± pins) is distorted by the cable bandwidth. In order to maintain a low bit-error rate, an equalizer
is used to compensate for the signal loss. The slicer recovers the differential low-level signal to a CMOS-level single-ended signal,
for clock recovery and data re-timing.
Clock Recovery
The serial input data stream contains both data and clock. The clock recovery block is used to extract both data and clocks from this
input. In addition to data, two clocks of 62.5 MHz are recovered.
07-0253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com