Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90SD1636CFD Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI90SD1636CFD
Description  SERDES Gigabit Ethernet Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90SD1636CFD Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI90SD1636CFD Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 10Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 11Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 12Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
PS8922A
11/08/07
PI90SD1636C
SERDES Gigabit Ethernet Transceiver
Table 9. Receiver Timing Characteristics TA = 0°C to +70°C, VCC = 3.15V to 3.45V
Symbol
Parameter
Min.
Typ.
Max.
Unit
b_sync[1]
Bit Sync Time
2500
bits
f_lock
Frequency Lock at Powerup
500
μs
tSETUP
Data Setup Before Rising Edge of RX_CLK
2.5
ns
tHOLD
Data Hold After Rising Edge of RX_CLK
1.5
tDUTY
RX_CLK Duty Cycle
40
60
%
tA-B
RX_CLK Skew
7.5
8.5
ns
T_rxlat[2]
Receiver Latency
22.4
ns
28.0
bits
DATA
DATA
DATA
TX<9:0>
TX_CLK
tHOLD
tSETUP
1.4V
2.0V
0.8V
DATA
DATA
Figure 3. Transmitter Section Timing
T5 T6 T7 T8 T9 T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T0 T1 T2 T3 T4 T5
DATA BYTE A
DATA BYTE B
DATA BYTE B
DATA BYTE C
1.4V
DOUT±
TX<9:0>
TX_CLK
t_TXLAT
Figure 4. Transmitter Latency
Notes:
1.
This is the recovery for input phase jumps.
2.
The receiver latency as shown in Figure 6, is defined as the time between receiving the first serial bit of a parallel data word (defined as the
first edge of the first serial bit) and the clocking out of that parallel word (defined by the rising edge of the receive byte clock, either RBC1 or
RBC0).
07-0253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com