Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7SCR Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST7SCR_07 Datasheet HTML 53Page - STMicroelectronics ST7SCR_07 Datasheet HTML 54Page - STMicroelectronics ST7SCR_07 Datasheet HTML 55Page - STMicroelectronics ST7SCR_07 Datasheet HTML 56Page - STMicroelectronics ST7SCR_07 Datasheet HTML 57Page - STMicroelectronics ST7SCR_07 Datasheet HTML 58Page - STMicroelectronics ST7SCR_07 Datasheet HTML 59Page - STMicroelectronics ST7SCR_07 Datasheet HTML 60Page - STMicroelectronics ST7SCR_07 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 101 page
background image
ST7SCR
57/101
12.4 SMARTCARD INTERFACE (CRD)
12.4.1 Introduction
The Smartcard Interface (CRD) provides all the re-
quired signals for acting as a smartcard interface
device.
The interface is electrically compatible with (and
certifiable to) the ISO7816, EMV, GSM and WHQL
standards.
Both synchronous (e.g. memory cards) and asyn-
chronous smartcards (e.g. microprocessor cards)
are supported.
The CRD generates the required voltages to be
applied to the smartcard lines.
The power-off sequence is managed by the CRD.
Card insertion or card removal is detected by the
CRD using a card presence switch connected to
the external CRDDET pin. If a card is removed, the
CRD automatically deactivates the smartcard us-
ing the ISO7816 deactivation sequence.
An maskable interrupt is generated when a card is
inserted or removed.
Any malfunction is reported to the microcontroller
via the Smartcard Interrupt Pending Register
(CRDIPR) and Smartcard Status (CRDSR) Regis-
ters.
12.4.2 Main features
Support for ISO 7816-3 standard
Character mode
1 transmit buffer and 1 receive buffer
4-Mhz fixed card clock
11-bit etu (elementary time unit) counter
9-bit guardtime counter
24-bit general purpose waiting time counter
Parity generation and checking
Automatic character repetition on parity error
detection in transmission mode
Automatic retry on parity error detection in
reception mode
Card
power-off
deactivation
sequence
generation
Manual mode for driving the card I/O directly for
synchronous protocols
12.4.3 Functional Description
Figure 31 gives an overview of the smartcard inter-
face.
Figure 31. Smartcard Interface Block Diagram
CLK
SEL
CRD
CLK
CRDCCR
IO
CRD
CRD CRD
RST VCC
C8
CRD
C4
CRD
CRDIO
CRDC4
CRDC8
CRDRST
CRDCLK
CRDDET
0
1
UART SHIFT REGISTER
CRDRXB
CRDTXB
UART RECEIVE BUFFER
UART TRANSMIT BUFFER
CARD DETECTION
CARD INSERTION/
CRDVCC
POWER-OFF LOGIC
CLOCK
CONTROL
UART BIT
11-BIT
4 MHz
ETU COUNTER
9-BIT GUARDTIME COUNTER
24-BIT WAITING TIME COUNTER
PARITY GENERATION/CHECKING
COMMUNICATIONS CONTROL
CRD INTERRUPT
LOGIC
REMOVAL INTERRUPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com