Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62500FP Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M62500FP
Description  SYNCHRONIZATION DEFLECTION SYSTEM CONTROL PWM IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62500FP Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M62500FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62500FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62500FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62500FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62500FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62500FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62500FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M62500FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M62500FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SYNCHRONIZATION DEFLECTION SYSTEM CONTROL PWM IC
M62500P/FP
MITSUBISHI (Dig./Ana. INTERFACE)
(
/ 11 )
PIN WAVE (Cont.)
T1
T2
TL
TH
E POINT
F POINT
OUT2
FB2
D POINT
D.OUT
PIN
PIN
PIN
PIN
Low
E POINT
F POINT
OUT2
D.OUT
PIN
PIN
PIN
High
23
13
20
23
13
20
PWM OUT NON-CONTROL STATUS
3.5V
1.5V
Low (GND)
With trigger input at pin
Without trigger at pin
(in case of GND)
OUT1, 2
OUT1, 2
FB>3.5V, FB>DTC
FB<1.5V, FB>DTC
3
3
High
15
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com