Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCND5000 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TCND5000
Description  Reflective Optical Sensor with PIN Photodiode Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCND5000 Datasheet(HTML) 5 Page - Vishay Siliconix

  TCND5000 Datasheet HTML 1Page - Vishay Siliconix TCND5000 Datasheet HTML 2Page - Vishay Siliconix TCND5000 Datasheet HTML 3Page - Vishay Siliconix TCND5000 Datasheet HTML 4Page - Vishay Siliconix TCND5000 Datasheet HTML 5Page - Vishay Siliconix TCND5000 Datasheet HTML 6Page - Vishay Siliconix TCND5000 Datasheet HTML 7Page - Vishay Siliconix TCND5000 Datasheet HTML 8Page - Vishay Siliconix TCND5000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TCND5000
Document Number 83795
Rev. 1.2, 04-Sep-06
Vishay Semiconductors
www.vishay.com
5
Figure 9. Reverse Light Current vs. Irradiance
Figure 10. Diode Capacitance vs. Reverse Voltage
Figure 11. Relative Spectral Sensitivity vs. Wavelength
0.1
1.0
10
100
0.01
E
e - Irradiance (mW/cm²)
16055
V
CE = 5 V
λ = 950 nm
10
1
0.1
0
2
4
6
8
0.1
V
R- Reverse Voltage (V)
94 8430
E=0
f = 1 MHz
100
10
1
750
0
0.2
0.4
0.6
0.8
1.2
λ - Wavelength (nm)
12786
1.0
1150
1050
950
850
Figure 12. Relative Radiant Sensitivity vs. Angular Displacement
Figure 13. Relative Reverse Light Current vs. Distance
94 8248
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.6
0.4
0.2
0
0.2
0.4
d - Distance to Reflecting Card (mm)
0
0.2
0.4
0.6
1.0
0.8
0.0
19966
Media: Kodak Gray Card
I
F = 10 mA
50
45
40
35
30
25
20
15
10
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com