Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETA3425 Datasheet(PDF) 3 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA3425
Description  1uA Ultra-Low Quiescent Current 0.6A Output Synchronous BUCK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3425 Datasheet(HTML) 3 Page - ETA SOLUTIONS CO. LIMITED

  ETA3425 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA3425 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA3425 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.etasolution.com
3
Powering Minds of the Smarts
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Iout (A)
Vout Vs. Iout
Vin=2.7V
Vin=3.0V
Vin=3.3V
Vin=3.6V
Vin=4.2V
Vin=5V
Vin=6V
Vout=1.2V
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.000005
0.00005
0.0005
0.005
0.05
0.5
Iout (A)
Eff. Vs. Iout
Vin=2.7V
Vin=3V
Vin=3.3V
Vin=3.6V
Vin=4.2V
Vin=5V
Vin=6V
Vout=1.2V
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Iout (A)
Vout Vs. Iout
Vin=3.6V
Vin=4.2V
Vin=5V
Vin=6V
Vin=8V
Vout=3.3V
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.000005
0.00005
0.0005
0.005
0.05
0.5
Iout (A)
Eff. Vs. Iout
Vin=3.6V
Vin=4.2V
Vin=5V
Vin=6V
Vin=8V
Vout=3.3V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com