Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2865F3-/F21 Datasheet(PDF) 5 Page - Nisshinbo Micro Devices Inc.

Part # NJM2865F3-/F21
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJM2865F3-/F21 Datasheet(HTML) 5 Page - Nisshinbo Micro Devices Inc.

  NJM2865F3-/F21 Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJM2865F3-/F21 Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJM2865F3-/F21 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJM2865F3-/F21 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJM2865F3-/F21 Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJM2865F3-/F21 Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJM2865F3-/F21 Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJM2865F3-/F21 Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. NJM2865F3-/F21 Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NJM2865/66
- 5 -
Ver.2006-09-29
TYPICALAPPLICATION
1 In the case where ON/OFF Control is not required:
NJM2865/66
VIN
VOUT
CONTROL
GND
0.1
µF
VOUT
VIN
R
(0~300k
Ω)
(ceramic)
1.0
µF *5
*5
1.6V<Vo
≤2.6V version: Co=2.2µF(ceramic)
Vo
≤1.6V version: 4.7µF(ceramic)
Connect control terminal to VIN terminal
2 In use of ON/OFF CONTROL:
NJM2865/66
VIN
VOUT
CONTROL
GND
0.1
µF
VOUT
VIN
R
(ceramic)
1.0
µF *5
*5
1.6V<Vo
≤2.6V version: Co=2.2µF(ceramic)
Vo
≤1.6V version: 4.7µF(ceramic)
State of control terminal:
•“H”→ output is enabled.
•“L” or “open” → output is disabled.
In the case of using a resistance "R" between VIN and control.
The current flow into the control terminal while the IC is ON state (ICONT) can be reduced when a pull up resistance
"R" is inserted between VIN and the control terminal.
The minimum control voltage for ON state (VCONT(ON)) is increased due to the voltage drop caused by ICONT and the
resistance "R". The ICONT is temperature dependence as shown in the "Control Current vs. Temperature"
characteristics. Therefore, the resistance "R" should be carefully selected to ensure the control voltage exceeds the
VCONT (ON) over the required temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com