Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8205A Datasheet(PDF) 1 Page - FuxinSemi All Rights Reserved.

Part # FS8205A
Description  N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUXINSEMI [FuxinSemi All Rights Reserved.]
Direct Link  http://www.fuxinsemi.com/
Logo FUXINSEMI - FuxinSemi All Rights Reserved.

FS8205A Datasheet(HTML) 1 Page - FuxinSemi All Rights Reserved.

  FS8205A Datasheet HTML 1Page - FuxinSemi All Rights Reserved. FS8205A Datasheet HTML 2Page - FuxinSemi All Rights Reserved. FS8205A Datasheet HTML 3Page - FuxinSemi All Rights Reserved. FS8205A Datasheet HTML 4Page - FuxinSemi All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FS8205A
www.fuxinsemi.com
Page 1
Ver2.1
Circuit diagram
Marking
Product Summary
Package
V(BR)DSS
RDS(on)MAX
ID
20V
25mΩ@4.5V
6A
32mΩ@2.5V
Feature
Advanced trench process technology
High density cell design for ultra low on-resistance
Application
Battery protection
Switching application
SOT-23-6L
8205A
G1
D1/D2
S1
D1/D2
G2
S2
N-Channel Enhancement Mode MOSFET


Similar Part No. - FS8205A

ManufacturerPart #DatasheetDescription
logo
Fortune Semiconductor C...
FS8205A FORTUNE-FS8205A Datasheet
758Kb / 6P
Dual N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - FS8205A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com