| Electronic Components Datasheet Search |
|
APM32E103CET6-R Datasheet(PDF) 25 Page - Geehy Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
APM32E103CET6-R Datasheet(HTML) 25 Page - Geehy Semiconductor Co., Ltd. |
|
25 / 79 page ![]() www.g eeh y.co m Pag e 24 Region Start Address Peripheral Name AHB bus 0x0002 4400 Reserved AHB bus 0x6000 0000 EMMC bank 1 NOR/PSRAM 1/SDRAM AHB bus 0x6400 0000 EMMC bank 1 NOR/PSRAM 2/SDRAM AHB bus 0x6800 0000 EMMC bank 1 NOR/PSRAM 3/SDRAM AHB bus 0x6C00 0000 EMMC bank 1 NOR/PSRAM 4/SDRAM AHB bus 0x7000 0000 EMMC bank 2 NAND(NAND1) AHB bus 0x8000 0000 EMMC bank 3 NAND(NAND2) AHB bus 0x9000 0000 EMMC bank 4 PCCARD AHB bus 0xA000 0000 EMMC Register — 0xA000 1000 Reserved Core 0xE000 0000 M3 Core peripheral Note: SDRAM is directly addressed to 256M, without Bank access separately. 4.1.3. Startup configuration At startup, the user can select one of the following three startup modes by setting the high and low levels of the Boot pin: ⚫ Startup from main memory ⚫ Startup from BootLoader ⚫ Startup from built-in SRAM The user can use USART interface to reprogram the user Flash if boot from BootLoader. 4.2. Core The core of APM32E103xCxE is Arm® Cortex®-M3. Based on this platform, the development cost is low and the power consumption is low. It can provide excellent computing performance and advanced system interrupt response, and is compatible with all Arm tools and software. 4.3. Interrupt controller 4.3.1. Nested Vector Interrupt Controller (NVIC) It embeds a nested vectored interrupt controller (NVIC) that can handle up to 65 maskable interrupt channels (not including 16 interrupt lines of Cortex®-M3) and 16 priority levels. The interrupt vector entry address can be directly transmitted to the core, so that the interrupt response processing with low delay can give priority to the late higher priority interrupt. 4.3.2. External Interrupt/Event Controller (EINT) The external interrupt/event controller consists of 19 edge detectors, and each detector includes edge detection circuit and interrupt/event request generation circuit; each detector can be configured as rising edge trigger, falling edge trigger or both and can be masked independently. Up to 112 GPIOs can be connected to the 16 external interrupt lines. 4.4. On-chip memory On-chip memory includes main memory area, SRAM and information block; the information |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |