Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM32E103CCT6-R Datasheet(PDF) 25 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CCT6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CCT6-R Datasheet(HTML) 25 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CCT6-R Datasheet HTML 21Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 22Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 23Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
www.g eeh y.co m
Pag e 24
Region
Start Address
Peripheral Name
AHB bus
0x0002 4400
Reserved
AHB bus
0x6000 0000
EMMC bank 1 NOR/PSRAM 1/SDRAM
AHB bus
0x6400 0000
EMMC bank 1 NOR/PSRAM 2/SDRAM
AHB bus
0x6800 0000
EMMC bank 1 NOR/PSRAM 3/SDRAM
AHB bus
0x6C00 0000
EMMC bank 1 NOR/PSRAM 4/SDRAM
AHB bus
0x7000 0000
EMMC bank 2 NAND(NAND1)
AHB bus
0x8000 0000
EMMC bank 3 NAND(NAND2)
AHB bus
0x9000 0000
EMMC bank 4 PCCARD
AHB bus
0xA000 0000
EMMC Register
—
0xA000 1000
Reserved
Core
0xE000 0000
M3 Core peripheral
Note: SDRAM is directly addressed to 256M, without Bank access separately.
4.1.3.
Startup configuration
At startup, the user can select one of the following three startup modes by setting the high and
low levels of the Boot pin:
⚫
Startup from main memory
⚫
Startup from BootLoader
⚫
Startup from built-in SRAM
The user can use USART interface to reprogram the user Flash if boot from BootLoader.
4.2.
Core
The core of APM32E103xCxE is Arm® Cortex®-M3. Based on this platform, the development
cost is low and the power consumption is low. It can provide excellent computing performance
and advanced system interrupt response, and is compatible with all Arm tools and software.
4.3.
Interrupt controller
4.3.1.
Nested Vector Interrupt Controller (NVIC)
It embeds a nested vectored interrupt controller (NVIC) that can handle up to 65 maskable
interrupt channels (not including 16 interrupt lines of Cortex®-M3) and 16 priority levels. The
interrupt vector entry address can be directly transmitted to the core, so that the interrupt
response processing with low delay can give priority to the late higher priority interrupt.
4.3.2.
External Interrupt/Event Controller (EINT)
The external interrupt/event controller consists of 19 edge detectors, and each detector
includes edge detection circuit and interrupt/event request generation circuit; each detector can
be configured as rising edge trigger, falling edge trigger or both and can be masked
independently. Up to 112 GPIOs can be connected to the 16 external interrupt lines.
4.4.
On-chip memory
On-chip memory includes main memory area, SRAM and information block; the information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com