Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F0057 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  Induction Cooker Flash MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT45F0057_V01 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45F0057_V01 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45F0057_V01 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45F0057_V01 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F0057_V01 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F0057_V01 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F0057_V01 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F0057_V01 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F0057_V01 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
Rev. 1.30
4
May 17, 2022
Rev. 1.30
5
May 17, 2022
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
Features
CPU Features
• Operating Voltage
♦
fSYS = 8MHz: 2.2V~5.5V
• Up to 0.5μs instruction cycle with 8MHz system clock at VDD=5V
• Power down and wake-up functions to reduce power consumption
• Two Oscillators
♦
Internal High Speed RC – HIRC
♦
Internal Low Speed 32kHz RC – LIRC
• Fully integrated internal 8MHz oscillator requires no external components
• All instructions executed in one or two instruction cycles
• Table read instructions
• 63 powerful instructions
• 6-level subroutine nesting
• Bit manipulation instruction
Peripheral Features
• Program Memory: 4K×16
• Data Memory: 208×8
• Watchdog Timer function
• Up to 13 bidirectional I/O lines
• 9-channel 12-bit resolution A/D converter
• 9-bit programmable pulse generator
♦
Pulse width limit
♦
Two PPG preload registers
♦
Non-retriggered control
♦
Active high or low output is selected by configuration option
• Single pin-shared external interrupt
♦
Integrated de-bounce circuit for the external interrupt
♦
De-bounce time is selected by software options
• Four comparator functions
• Single Operational Amplifier – input voltage offset adjustable by software
• Peripheral clock output
• Three 8-bit programmable timer/event counters
♦
Timer 0 can be configured to count synchronism pulse number or measure synchronism pulse
high or low period
♦
Timer 1 can be configured to implement PPG non-retriggered function
• Low Voltage Reset function
• Low Voltage Detect function
• Package types: 16-pin NSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com