Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMI Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EMI
Description  Ceramic Disc Capacitors Safety, Class X1/Y2 400/250 V (AC) Series DN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EMI Datasheet(HTML) 2 Page - Vishay Siliconix

  EMI Datasheet HTML 1Page - Vishay Siliconix EMI Datasheet HTML 2Page - Vishay Siliconix EMI Datasheet HTML 3Page - Vishay Siliconix EMI Datasheet HTML 4Page - Vishay Siliconix EMI Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28518
79
Revision: 12-Dec-06
EMI/RFI Y2-DN
Vishay BCcomponents
Ceramic Disc Capacitors
Safety, Class X1/Y2 400/250 V (AC)
Series DN
Notes
1. Maximum thickness 6.0 mm
2. SH = seated height
3. Straight leads are available on request
Note
1. The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack
ORDERING INFORMATION 250 V (AC)
C
(pF)
TOL.
(%)
Dmax
(mm)
LEAD
SPACING
F
(mm)
SH(2)
(mm)
CLEAR TEXT CODE
13th DIGIT:
T = REEL; U = AMMO; 3 = BULK(3)
16th DIGIT:
R = RoHS COMPLIANT
U2M
10
± 10
6.5
7.5
4.0
S100K25U2MS6.K7.
15
S150K25U2MS6.K7.
22
S220K25U2MS6.K7.
33
S330K25U2MS6.K7.
47
7.5
S470K29U2MS6.K7.
68
8.5
S680K33U2MS6.K7.
Y5P
100
± 10
8.5
7.5
4.0
S101K33Y5PS6.K7.
150
S151K33Y5PS6.K7.
220
S221K33Y5PS6.K7.
330
S331K33Y5PS6.K7.
470
S471K33Y5PS6.K7.
680
10.0
S681K39Y5PS6.K7.
1000
11.0
S102K43Y5PS6.K7.
Z5U
1000
± 20
8.5
7.5
4.0
S102M33Z5US6.K7.
1500
10.0
S152M39Z5US6.K7.
2200
11.0
S222M43Z5US6.K7.
3300
13.5
S332M53Z5US6.K7.
3900
S392M53Z5US6.K7.
4700
15.0
S472M59Z5US63K7.
6800
17.5
10
S682M69Z5US83K0.
10 000
21.5
S103M84Z5US83K0.
Y5U
1000
± 20
7.5
7.5
4.0
S102M29Y5US6.K7.
1500
8.5
S152M33Y5US6.K7.
2200
10.0
S222M39Y5US6.K7.
3300
12.0
S332M47Y5US6.K7.
3900
13.5
S392M53Y5US6.K7.
4700
S472M53Y5US6.K7.
Y5V
2200
- 20/+ 80
8.5
7.5
4.0
S222Z33Y5VS6.K7.
4700
12.0
S472Z47Y5VS6.K7.
10 000
16.0
S103Z63Y5VS83K7.
PACKAGING
Dmax
(mm)
SIZE CODE
PACKAGING QUANTITIES
BULK
REEL
AMMO
8.5 (0.33")
33
1000
1000
1000
10.0 (0.39")
39
11.0 (0.43")
43
12.0 (0.47")
47
13.5 (0.53")
53
500
15.0 (0.59")
59
--
17.5 (0.69")
69
19.0 (0.75")
75
21.5 (0.84")
84
250



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com