Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSCE5V032N1 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SSCE5V032N1
Description  ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SSCE5V032N1 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SSCE5V032N1 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SSCE5V032N1 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SSCE5V032N1 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SSCE5V032N1 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Performance Characteristics (TA=25°C unless otherwise Specified)
Rev :
www.leiditech.com
01.06.2018
3/4
Junction Capacitance vs. Reverse Voltage
Peak Pulse Power vs. Pulse Time
Clamping Voltage vs. Peak Pulse Current
Power Derating Curve
8 X 20us Pulse Waveform
IEC61000−4−2 Pulse Waveform
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature_Ta(℃)
-20
0
20
40
60
80
100
120
-20
0
20
40
60
T-Time(us)
-20
0
20
40
60
80
100
Time (nS)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
1
2
3
4
5
VR—Reverse Voltage(V
)
0
5
10
15
20
25
1
2
3
4
Ipp-Peak Pulse Current(A)
0.01
0.1
1
10
0.1
1
10
100
Pulse Duration_tp(uS)
SSCE5V032N1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com