Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0700461341697 Datasheet(PDF) 4 Page - Pycom

Part # 0700461341697
Description  The tiny MicroPython enabled Wifi & Bluetooth IoT development platform
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

0700461341697 Datasheet(HTML) 4 Page - Pycom

  0700461341697 Datasheet HTML 1Page - Pycom 0700461341697 Datasheet HTML 2Page - Pycom 0700461341697 Datasheet HTML 3Page - Pycom 0700461341697 Datasheet HTML 4Page - Pycom 0700461341697 Datasheet HTML 5Page - Pycom 0700461341697 Datasheet HTML 6Page - Pycom 0700461341697 Datasheet HTML 7Page - Pycom 0700461341697 Datasheet HTML 8Page - Pycom 0700461341697 Datasheet HTML 9Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
04
6.0
Pin Details
Table 1 – Module pinout
Module
Pin
ESP32
GPIO
Pin
Name
Default Function
ADC
PWM
RTC†
Notes
1
Reset
Active Low, connected to on–board
button
2
3
P0
RX0
(Programming)
Used by the bootloader and to program
the module
3
1
P1
TX0
(Programming)
Used by the bootloader and to program
the module
4
0
P2
2*
If tied to GND during boot the device will
enter bootloader mode, connected to the
on–board RGB LED
5
4
P3
TX1
2*
6
15
P4
RX1
2*
JTAG MTD, SD card CMD
7
5
P5
8
27
P6
2*
9
19
P7
10
2
P8
2*
SD card DAT0
11
12
P9
SDA
2*
JTAG TDI
12
13
P10
SCL (I2C) / CLK
(SPI)
2*
JTAG TCK
13
22
P11
MOSI
14
21
P12
If tied to 3.3V during boot the device
enters safe boot mode, JTAG MISO,
External WiFi/BT antenna switch, Low =
on–board, High = U.FL
15
36
P13
1
Input only
16
37
P14
MISO
1
Input only
17
38
P15
1
Input only
18
39
P16
1
Input only
19
35
P17
1
Input only
20
34
P18
1
Input only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com