Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W160BB Datasheet(PDF) 28 Page - STMicroelectronics

Part # M28W160BB
Description  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W160BB Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M28W160BB Datasheet HTML 24Page - STMicroelectronics M28W160BB Datasheet HTML 25Page - STMicroelectronics M28W160BB Datasheet HTML 26Page - STMicroelectronics M28W160BB Datasheet HTML 27Page - STMicroelectronics M28W160BB Datasheet HTML 28Page - STMicroelectronics M28W160BB Datasheet HTML 29Page - STMicroelectronics M28W160BB Datasheet HTML 30Page - STMicroelectronics M28W160BB Datasheet HTML 31Page - STMicroelectronics M28W160BB Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
M28W160BT, M28W160BB
28/45
Figure 14. µBGA46 6.39x6.37mm - 8 x 6 ball array, 0.75 mm pitch, Bottom View Package Outline
Note: Drawing is not to scale
Table 17. µBGA46 6.39x6.37mm - 8 x 6 ball array, 0.75 mm pitch, Package Mechanical Data
Symbol
mm
inch
Typ
Min
Max
Typ
Min
Max
A
1.000
0.0394
A1
0.180
0.0071
A2
0.700
–
–
0.0276
–
–
b
0.350
0.300
0.400
0.0138
0.0118
0.0157
D
6.390
6.340
6.440
0.2516
0.2496
0.2535
D1
5.250
–
–
0.2067
–
–
ddd
0.008
0.0003
e
0.750
–
–
0.0295
–
–
E
6.370
6.320
6.420
0.2508
0.2488
0.2528
E1
3.750
–
–
0.1476
–
–
FD
0.570
–
–
0.0224
–
–
FE
1.310
–
–
0.0516
–
–
SD
0.375
–
–
0.0148
–
–
SE
0.375
–
–
0.0148
–
–
E1
E
D1
D
b
A2
A1
A
BGA-G05
ddd
e
e
FE
SD
SE
BALL "A1"
FD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com