Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXIOM35 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM35
Description  OCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM35 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM35 Datasheet HTML 1Page - Advanced XTAL Products AXIOM35 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIOM35
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM35
Issue: 02
Date: 2006-10-06
Oscillator type :
OCXO
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
10
40
MHz
Standard frequencies
10.000 / 16.384 / 20.000
MHz
Frequency stability
ppm
Initial tolerance
± 500
ppb
@+25°C, VC= 2.5V
vs. temperature in operating
temperature range (steady state)
± 200
± 100
± 50
± 25
ppb
ppb
ppb
ppb
Option II = “200”
Option II = “100”
Option II = “50”
Option II = “25”
operating temperature range
-10
60
°C
vs. supply voltage variation
± 10
ppb
vs. load change
± 10
ppb
Long term (aging) per day,
after 30 days operation
± 10
± 2
ppb
ppb
Option II = “200”, “100”
Option II = “50”, “25”
long term (aging) 1
st year,
after 30 days operation
± 200
± 100
ppb
ppb
Option II = “200”, “100”
Option II = “50”, “25”
Frequency adjustment range
Electronic Frequency Control (EFC)
range
± 3
± 0.8
± 1
ppm
ppm
Option II = “200”, “100”
Option II = “50”, “25”
EFC voltage VC
0.15
0.25
3.15
4.75
V
V
Option I = “33”
Option I = “50”
EFC slope (
∆f / ∆V
C)
positive
EFC linearity
%
EFC input impedance
100
k
Ω
RF output
Signal waveform
Sinus
Load
50
Ω
± 10 %
Output level
+3
dBm
Harmonics attenuation
-20
dBc
Warm-up time
5
min
∆f
final/f0 < ±0.1 ppm
Supply voltage VS
4.75
11.4
5.0
12
5.25
12.6
V
V
Option I = “50”
Option I = “12”
Current consumption (steady state)
@ +25°C
200
100
mA
mA
Option I = “50”
Option I = “12”
Current consumption (warm-up)
500
250
mA
mA
Option I = “50”
Option I = “12”
Operable temperature range
-20
+70
°C
Storage temperature range
-40
+85
°C
Enclosure (see drawing)
20.5x20.5x12 max.
mm
IEC 60679-3 CO 15
Weight
10
gram
Packing
Palette
ESD Sensitivity
1500
V
HBM as in IEC 61000-4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
Ordering Code:
Model (Specification)
Option I Option II
Frequency [MHz]
AXIOM35
12
100
10.000


Similar Part No. - AXIOM35

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM35-16 AXTAL-AXIOM35-16 Datasheet
91Kb / 2P
Low Phase Noise Miniature OCXO with Sine Wave Output
AXIOM35HR AXTAL-AXIOM35HR Datasheet
123Kb / 4P
High Stability VHF Very Low Power OCXO
2016-02-29
AXIOM35HR AXTAL-AXIOM35HR Datasheet
185Kb / 4P
High Stability VHF Very Low Power OCXO Produced in association with Magic Xtal ??Model MXO37H/R
2018-12-15
AXIOM35HR AXTAL-AXIOM35HR_18 Datasheet
185Kb / 4P
High Stability VHF Very Low Power OCXO Produced in association with Magic Xtal ??Model MXO37H/R
2018-12-15
AXIOM35LN AXTAL-AXIOM35LN Datasheet
120Kb / 4P
Low Phase Noise Miniature OCXO with Sine Wave Output
More results

Similar Description - AXIOM35

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
OX4020A-LZ-28-12.800-STR3 RALTRON-OX4020A-LZ-28-12.800-STR3 Datasheet
33Kb / 1P
OCXO
OX6536A RALTRON-OX6536A Datasheet
45Kb / 2P
OCXO
logo
Advanced Linear Devices
OX6749A ALD-OX6749A Datasheet
45Kb / 2P
OCXO
logo
Advanced XTAL Products
AXIOM30 AXTAL-AXIOM30 Datasheet
55Kb / 2P
OCXO
2006-10-06
logo
Vectron International, ...
OX-2201-EAE-2580-10M00 VECTRON-OX-2201-EAE-2580-10M00 Datasheet
240Kb / 4P
OCXO
OX-2226-EAJ-1080-20M00 VECTRON-OX-2226-EAJ-1080-20M00 Datasheet
240Kb / 5P
OCXO
OX-4011-EAE-2580-20M00 VECTRON-OX-4011-EAE-2580-20M00 Datasheet
239Kb / 4P
OCXO
OX-221-9100-20M000 VECTRON-OX-221-9100-20M000 Datasheet
685Kb / 9P
OCXO
OX-221-9115-10M000 VECTRON-OX-221-9115-10M000 Datasheet
530Kb / 6P
OCXO
OX-401-9015-98M304 VECTRON-OX-401-9015-98M304 Datasheet
1Mb / 9P
OCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com