Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXIOM45 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM45
Description  OCXO High stability, Sinewave Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM45 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM45 Datasheet HTML 1Page - Advanced XTAL Products AXIOM45 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIOM45
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM45
Issue: 01
Date: 2005-07-15
Oscillator type :
OCXO High stability, Sinewave Output
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
5
120
MHz
Standard frequencies
10 / 16.384 / 20
MHz
Frequency stability
ppm
Initial tolerance
± 500
ppb
@+25°C, VC= 2.5V
vs. temperature in operating
temperature range (steady state)
± 100
± 50
± 25
± 10
ppb
ppb
ppb
ppb
Option II = “100”
Option II = “50”
Option II = “25”
Option II = “10”
operating temperature range
-20
+70
°C
vs. supply voltage variation
± 2
ppb
VS ± 5%
vs. load change
± 2
ppb
long term stability (aging) per year
after 30 days operation
± 200
± 100
ppb/year
ppb/year
Option II = “100”
Option II = “50”,”25”
and ”10”
Frequency adjustment range
Electronic Frequency Control (EFC)
range
± 5
± 1
ppm
ppm
Option II =“100”
Option II = “50”,”25”
and ”10”
EFC voltage VC
0.25
4.75
V
EFC slope (
∆f / ∆V
C)
positive
EFC input impedance
100
k
Ω
RF output
Signal waveform
Sinus
Load
50
Ohm
Output amplitude
+3
dBm
Harmonics attenuation
30
dBc
Warm-up time @25°C
5
min
∆f
final/f0 < ±0.1 ppm
Phase noise
@10.0 MHz Option II = „50“
-100
-130
-145
-155
dBc
dBc
dBc
dBc
10 Hz
100 Hz
1000 Hz
10000 Hz
Supply voltage VS
4.75
11.4
5.0
12
5.25
12.6
V
V
Option I =“50“
Option I=“12“
Current consumption (steady state)
@ +25°C
200
80
mA
mA
Option I =“50“
Option I=“12“
Current consumption (warm-up)
500
200
mA
mA
Operable temperature range
-30
+75
°C
Storage temperature range
-40
+85
°C
Enclosure (see drawing)
(Note 2)
36.1x27.2x19.4 max.
mm
IEC 60679-3 CO 08
Weight
30
gram
Packing
Bulk
ESD Sensitivity
1500
V
HBM IEC 61000-4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
2.
Lower package height (15 mm, 13 mm) on request
Ordering Code:
Model (Specification)
Option I
Option II
Frequency [MHz]
AXIOM45
50
100
10.000


Similar Part No. - AXIOM45

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM45-15 AXTAL-AXIOM45-15 Datasheet
98Kb / 3P
Low Phase Noise Eurocase OCXO with Sine Wave Output
AXIOM45-23 AXTAL-AXIOM45-23 Datasheet
102Kb / 2P
OCXO High stability, Sine Wave Output
AXIOM450 AXTAL-AXIOM450 Datasheet
119Kb / 3P
VHF Ultra-Low Phase Noise OCXO in Eurocase Package
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
Ultra-Low Noise OCXO in Eurocase package
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
125Kb / 4P
Low Noise OCXO in Eurocase package
2017-01-07
More results

Similar Description - AXIOM45

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM25 AXTAL-AXIOM25 Datasheet
58Kb / 2P
OCXO in DIL14 package, Sinewave Output
2005-07-15
AXIOM40 AXTAL-AXIOM40 Datasheet
54Kb / 2P
OCXO high stability, HCMOS Output
2006-07-10
logo
Connor-Winfield Corpora...
OFC5CE1AB CONNOR-WINFIELD-OFC5CE1AB Datasheet
145Kb / 2P
High Stability HCMOS OCXO
OFC5DJ3BS CONNOR-WINFIELD-OFC5DJ3BS Datasheet
189Kb / 2P
SURFACE MOUNT 5.0V OCXO with SINEWAVE OUTPUT
OFC12CJ4BA CONNOR-WINFIELD-OFC12CJ4BA Datasheet
160Kb / 2P
12.00V SINEWAVE OCXO
logo
Golledge Electronics Lt...
SCOCXOT GOLLEDGE-SCOCXOT_15 Datasheet
150Kb / 2P
12V OCXO CMOS Output Tight Stability
logo
Advanced XTAL Products
AXIOM170 AXTAL-AXIOM170 Datasheet
120Kb / 4P
High Stability SMD OCXO with HCMOS Output
2014-04-26
AXIOM10-23 AXTAL-AXIOM10-23 Datasheet
100Kb / 2P
High Stability SMD OCXO with HCMOS Output
2014-07-09
AXIOM30-15 AXTAL-AXIOM30-15 Datasheet
87Kb / 2P
High Stability Miniature OCXO with HCMOS Output
AXIOM45-23 AXTAL-AXIOM45-23 Datasheet
102Kb / 2P
OCXO High stability, Sine Wave Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com