Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXIOM50 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM50
Description  VHF OCXO - Ultra low noise
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM50 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM50 Datasheet HTML 1Page - Advanced XTAL Products AXIOM50 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIOM50
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM50
Issue: 01
Date: 2008-01-25
Oscillator type :
VHF OCXO - Ultra low noise
Parameter
min.
typ.
max.
Unit
Condition
Standard frequencies
100.000 / 120.000
MHz
Frequency stability
Initial tolerance
± 500
ppb
vs. temperature in operating
temperature range
± 200
± 500
ppb
steady state
Operating temperature range
-20
+70
°C
vs. supply voltage variation
± 20
ppb
Vs ± 5%, within 10 min.
vs. load change
± 20
ppb
± 5%
Long term stability per day
± 2
ppb/day
Long term stability (aging rate)
± 500
± 1000
ppb/ year
After 30 days of
continuous operation
Frequency adjustment range
Mechanical Frequency Control
ppm
N.A.
Electronic Frequency Control (EFC)
ppm
N.A.
EFC voltage VC
V
EFC slope (
∆f / ∆V
C)
EFC linearity
%
EFC input impedance
k
Ω
RF output
Signal waveform
Sine wave
Load
50
Ω
± 10 %
Output amplitude
+11
+13
+15
dBm
Harmonics
-30
dBc
Sub-harmonics
N.A.
dBc
Non-harmonics
-80
dBc
Phase Noise L(f)
-90
-120
-150
-165
-165
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
@ 10 Hz
@ 100 Hz
@ 1000 Hz
@ 10 kHz
@ 200 kHz ~ 1 MHz
Warm-up time @ +25°C
3
min
∆f(1h)/f
0 < ± 0.1 ppm
Supply voltage VS
11.4
12
12.6
V
Current consumption (steady state)
100
mA
@ +25°C
Current consumption (warm-up)
300
mA
Operating temperature range
-32
+80
°C
Operable temperature range
-40
+85
°C
Storage temperature range
-55
+105
°C
Enclosure (see drawing)
51x51x20.5max.
mm
Weight
60
gram
Packing
Palette
ESD Sensitivity
1000
V
HBM as in IEC 61000-
4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1 and MIL-PRF55310, unless
otherwise stated
Ordering Code:
Model (Specification)
Frequency [MHz]
AXIOM50
100.000


Similar Part No. - AXIOM50

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
VHF Ultra-Low Phase Noise OCXO in Connectorized Package
2014-07-09
AXIOM5050M AXTAL-AXIOM5050M Datasheet
158Kb / 4P
Low Phase Noise OCXO with Multiple Outputs
2014-06-20
AXIOM5050ULN AXTAL-AXIOM5050ULN Datasheet
115Kb / 4P
OCXO with Ultra-Low Phase Noise Floor of -180 dBc/Hz
2014-11-07
More results

Similar Description - AXIOM50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AXIOM75ULN VISHAY-AXIOM75ULN Datasheet
233Kb / 3P
Ultra‐Low Phase Noise OCXO
logo
Advanced XTAL Products
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
Ultra-Low Noise OCXO in SMD package
2016-01-11
AXIOM2000 AXTAL-AXIOM2000 Datasheet
144Kb / 4P
Ultra-Low Phase Noise OCXO
2016-04-15
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
VHF Ultra-Low Phase Noise OCXO in Connectorized Package
2014-07-09
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
Ultra-Low Noise OCXO in Eurocase package
AXIOM55 AXTAL-AXIOM55 Datasheet
115Kb / 4P
Low Phase Noise VHF OCXO with Sine Wave Output
logo
Abracon Corporation
AOCJY7TQ ABRACON-AOCJY7TQ Datasheet
2Mb / 5P
Ultra-Low Phase Noise OCXO
07.21.15
logo
Advanced XTAL Products
AXIOM145ULN AXTAL-AXIOM145ULN_17 Datasheet
113Kb / 4P
Ultra-Low Noise OCXO in SMD package
AXIOM450 AXTAL-AXIOM450 Datasheet
119Kb / 3P
VHF Ultra-Low Phase Noise OCXO in Eurocase Package
logo
TAITIEN ELECTRONICS CO....
NA-100M-6900 TAITIEN-NA-100M-6900 Datasheet
558Kb / 4P
100MHz Ultra Low Noise/Low G-Sensitivity OCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com